Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SE2595L-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2595L-R Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SE2595L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DATA SHEET
SE2595L
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice
11
January 16, 2023
IIP3
Third order intercept
5.45 GHz, 1 MHz offset
-3
dBm
ISOLRRX
Reverse isolation
V_LNA = 0V, RX = 0V
20
dB
INT
Interferer
With this input IIP3 can only degrade
by 1dB
-10
dBm
S11
Return loss
8
dB
IP1dB
Input P1dB
V_LNA = 3.3 V V_LNA = 0 V
-3
10
dBm
TEN
Enable time
10% to 90% of RX RF
power, from time that V_LNA is at
50%
500
nsec
Table 12. SE2595L 2.4 GHz Power Detector Characteristics
Conditions: VCC = 3.3 V, ENg = TX = 3.3 V, V_LNA = RX = ENa = 0 V, TA = 25 °C, as measured on Skyworks Solutions SE2595L-EV1
evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Fout
Frequency range
2400
2500
MHz
PDR
Powerdetect range, peak power Measured at ANT
0
22
dBm
PDZload
DC load impedance
2.7
3
kΩ
PDVp22
Output voltage, POUT= 21
dBm
0.86
V
PDVp0
Output voltage, POUT= 5 dBm
0.35
V
PDVpnoRF
Output voltage, POUT= No RF
0.32
V
LPF-3dB
(Note 2)
Powerdetect low pass filter -3 dB
corner frequency
Load = high impedance Typ: 500 kΩ
270
300
400
V
Table 11. SE2595L 5 GHz Receive Characteristics
Conditions: VCC = V_LNA = RX = 3.3 V, Bsel = ENg = ENa = TX = 0 V, TA = 25 °C, as measured on Skyworks Solutions' SE2595L-EV1
evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com