Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE2595L-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2595L-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE2595L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DATA SHEET
SE2595L
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice
10
January 16, 2023
S21
Small signal gain
4900 to 5850 MHz
960 to 3265 MHz
3265 to 3900 MHz
6900 to 7250 MHz
7250 to 7800 MHz
7800 to 8500 MHz
22
-30
-10
-10
-12
-10
31
10
8
6
-10
10
dB
ΔS21
Small signal gain variation over 40 MHz channel
0.4
dB
Small signal gain variation over band
6
dB
2f,3f
Harmonics, 54 Mbps, 802.11a
signal
Pout = 16dBm 4900 to 5150 MHz
5150 to 5850 MHz
-45
-50
-42
-48
dBm/MHz
NF
Noise figure
Pout < 16 dBm 4900 to 5850 MHz
10
dB
tr
Rise time
10% to 90% of final output power
level
0.8
μs
tdr, tdf
Delay and rise/fall time
50% of VEN edge and 90/10 % of
final output power level
0.5
μs
S11
Input return loss
8
dB
SPUR
Spurious
Pout < 16dBm, VSWR = 2:1, 100 to
24000 MHz
-45
dBm/MHz
STAB
Stability
POUT ≤ 17 dBm
Load VSWR = 10:1
All non-harmonically related outputs less than
-50 dBc/1MHz
Table 11. SE2595L 5 GHz Receive Characteristics
Conditions: VCC = V_LNA = RX = 3.3 V, Bsel = ENg = ENa = TX = 0 V, TA = 25 °C, as measured on Skyworks Solutions' SE2595L-EV1
evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Fout
Frequency range
4900
5850
MHz
S21
Receive gain
4900 to 5850 MHz
800 to 2500 MHz
2500 to 3900 MHz
6500 to 7800 MHz
12
-10
6
11
-5
dB
Receive gain, bypass mode
V_LNA = 0.0 V
-7
dB
ΔS21
Gain variation
4900 – 5850 MHz, Over
any 40 MHz band
0.5
dB
NF
Noise figure
2.8
3.2
dB
Table 10. SE2595L 5 GHz Transmit Characteristics
Conditions: VCC = 3.3 V, ENa = TX = 3.3 V, V_LNA = ENg = RX = 0 V, TA = 25 °C, as measured on Skyworks Solutions SE2595L-EV1
evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com