Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE2595L-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2595L-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE2595L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DATA SHEET
SE2595L
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice
6
January 16, 2023
Table 6. SE2595L Receive LNA Logic Characteristics
Conditions: VCC = 3.3 V, TA = 25 °C, as measured on Skyworks Solutions SE2595L-EV1 evaluation board (de-embedded to device), all
unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vrenh
Logic High Voltage for V_LNA, Bsel (Module On)
3.2
Vcc
V
Vrenl
Logic Low for V_LNA, Bsel (Module Off)
-0.5
0.3
V
Irenh
Input Current Logic High Voltage (V_LNA, Bsel)
400
μA
Irenl
Input Current Logic Low Voltage (V_LNA, Bsel)
0
μA
LNA Enable Logic
LNA Function
Comment
V_LNA
Bsel
2.4 GHz LNA
5 GHz LNA
Vrenl
Vrenl
Bypass mode
Bypass mode
No gain in either path. This can be used for high input signal
conditions.
Vrenl
Vrenh
Bypass mode
Bypass mode
No gain in either path. This can be used for high input signal
conditions.
Vrenh
Vrenl
Off
On
Activates a-band LNA
Vrenh
Vrenh
On
Off
Activates bg-band LNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com