Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # SE2595L-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2595L-R Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button SE2595L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 16Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
DATA SHEET
SE2595L
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice
12
January 16, 2023
Figure 3. SE2595L2.4 GHz Power Detector Characteristics
Table 13. SE2595L 5 GHz Power Detector Characteristics
Conditions: VCC = 3.3 V, ENa = TX = 3.3 V, V_LNA = RX = ENg = 0 V, TA = 25 °C as measured on Skyworks Solutions SE2595L-EV1
evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Fout
Frequency range
4900
5850
MHz
PDR
Power detect range, peak power
Measured at ANT
0
20
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com