Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 17 Page - Skyworks Solutions Inc.

Part # SE2595L-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2595L-R Datasheet(HTML) 17 Page - Skyworks Solutions Inc.

Back Button SE2595L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 16Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 17Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 18Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DATA SHEET
SE2595L
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice
17
January 16, 2023
Ordering Information
Document Change History
Part Number
Part Description
Evaluation Board Part Number
SE2595L
SE2595L: Dual-Band 802.11n Wireless LAN Front-End
SE2595L-EK1
SE2595L
Samples
SE2595L-R
32 pin QFN, tape and reel
Revision
Date
Notes
1.0
June 29, 2008
Create
1.1
March 11, 2009
Update Gain in both bands Updated detector characteristics
Updated packing method to Tape & Reel
Added package outline drawing and recommended land pattern Updated input return loss.
Updated RX IIP3
1.2
April 6, 2009
Updated LNA characteristics.
Corrected product and terminal finish marking on Branding information
1.3
April 29, 2009
Updated LNA Logic Characteristics (IRENH) to 400uA
1.4
May 1, 2009
Updated detector characteristics
1.5
July 30, 2009
Updated 5GHz Gain Characteristics
1.6
Aug 28, 2009
Updated Tape and Reel drawings.
1.7
Jan 11, 2010
Updated ICC_OFF specification.
1.8
Jan 8, 2011
Updated MSL rating to MSL 1
1.9
Apr 9, 2011
Updated recommended operating conditions to industrial temperature range
2.0
Mar 28, 2012
Updated with Skyworks logo and disclaimer statement
B
January 16, 2023
Revised MSL rating. Updated to current format, disclaimer statement, and revision letter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com