Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # SE2595L-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2595L-R Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button SE2595L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 16Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 17Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DATA SHEET
SE2595L
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice
13
January 16, 2023
Figure 4. SE2595L 5 GHz Power Detector Characteristics
PDZload
DC load impedance
2.7
3
kΩ
PDVp20
Output voltage, POUT= 17 dBm
0.80
V
PDVp0
Output voltage, POUT= 3 dBm
0.34
V
PDVpnoRF
Output voltage, POUT= No RF
0.32
V
LPF-3dB
(Note 3)
Power detect low pass filter -3 dB cor-
ner frequency
Load = high impedance Typ: 500 kΩ
270
300
400
kHz
Table 13. SE2595L 5 GHz Power Detector Characteristics
Conditions: VCC = 3.3 V, ENa = TX = 3.3 V, V_LNA = RX = ENg = 0 V, TA = 25 °C as measured on Skyworks Solutions SE2595L-EV1
evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com