Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SE2595L-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2595L-R Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SE2595L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2595L-R Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DATA SHEET
SE2595L
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202433B • Skyworks Proprietary Information • Products and Product Information are Subject to Change without Notice
8
January 16, 2023
Table 8. SE2595L 2.4 GHz Transmit Characteristics
Conditions: VCC = 3.3 V, ENg = TX = 3.3 V, V_LNA = ENa = RX = 0 V, TA = 25 °C, as measured on Skyworks Solutions SE2595L-EV1
evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Fin
Frequency range
2400
2485
MHz
P802.11g
Output power
54 Mbps OFDM signal, 64QAM, EVM
≤ 3.0 %
17
18
dBm
P802.11b
Output power
11 Mbps CCK signal, BT = 0.45
ACPR(Adj) < -32
ACPR(Alt) < -52
19
20
dBm
BEVM
Backed off EVM
54 Mbps, OFDM signal, 64 QAM, P ≤
12 dBm
1.5
%
P1dB
P1dB
23
dBm
S21
Small signal gain
2400 – 2485 MHz
960 – 1600 MHz
1600 – 1660 MHz
3260 – 3267 MHz
23
30
0
0
2
dB
ΔS21
Small signal gain variationover
band
Over any 40 MHz band
0.5
dB
2f,3f
Harmonics
Pout = 18 dBm, 1 Mbps, BPSK
-50
-45.2
dBm
Pout = 17 dBm, 54Mbps OFDM signal
-55
-48.2
NF
Noise figure
Pout < 20 dBm
10
dB
tr
Rise time
10 % to 90% of final output power
level
0.5
μs
tdr, tdf
Delay and rise/fall time
50 % of VEN edge and 90/10 % of
final output power level
0.5
μs
S11
Input return loss
10
dB
Spur
Spurious
Pout < 20 dBm, VSWR = 2:1 100 MHz
to 10 GHz
-45
dBm/MHz
STAB
Stability
POUT ≤ 20dBm
Load VSWR = 10:1
All non-harmonically related outputs less than
-50 dBc/1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com