Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/P Datasheet(PDF) 2 Page - Microchip Technology

Part # 24CSM01-E/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/P Datasheet(HTML) 2 Page - Microchip Technology

  24CSM01-E/P Datasheet HTML 1Page - Microchip Technology 24CSM01-E/P Datasheet HTML 2Page - Microchip Technology 24CSM01-E/P Datasheet HTML 3Page - Microchip Technology 24CSM01-E/P Datasheet HTML 4Page - Microchip Technology 24CSM01-E/P Datasheet HTML 5Page - Microchip Technology 24CSM01-E/P Datasheet HTML 6Page - Microchip Technology 24CSM01-E/P Datasheet HTML 7Page - Microchip Technology 24CSM01-E/P Datasheet HTML 8Page - Microchip Technology 24CSM01-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
24CSM01
DS20006781B
-page 2
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
Description
The Microchip Technology Inc. 24CSM01 provides
1 Mbit of Serial EEPROM, utilizing an I2C (Two-Wire)
serial interface with 3.4 MHz High-Speed mode
capability. The device is organized as 131,072 bytes of
8 bits each (128 Kbytes) and is optimized for use in
consumer and industrial applications where reliable
and dependable nonvolatile memory storage is
essential. The 24CSM01 allows up to eight devices to
share a common I2C (Two-Wire) bus and is capable of
operation across a broad voltage range (1.7V to 5.5V).
The 24CSM01 features a 4-Kbit Security register,
separate from the 1-Mbit memory array. The first half of
the Security register is read-only and contains a
factory-programmed, ensured unique, 128-bit serial
number in the first 16 bytes. The 128-bit serial number is
unique across the entire CS series of Serial EEPROM
products and eliminates the time-consuming step of
performing and ensuring serialization of a product on a
manufacturing line. The 128-bit read-only serial number
is followed by an additional 2 Kbit (256 bytes) of
user-programmable EEPROM. The user-programmable
section of the Security register can later be permanently
write-protected via a software sequence.
The device also contains a Configuration register,
which allows the write protection behavior to be
configured for legacy hardware write protection or
enhanced software write protection. This allows the
user to protect any of the eight independent 128-Kbit
zones. Once the desired configuration is set, the
Configuration register can be permanently locked,
thereby preventing any further changes to the device
operation.
For added reliability, the 24CSM01 utilizes a built-in
Error Correction Code (ECC) scheme. This scheme
can correct up to one incorrectly read bit within a
four-byte readout. Additionally, the Configuration
register includes a read-only Error Correction State
latch (ECS) that is set when ECC is invoked.
The 24CSM01 supports the I2C Manufacturer
Identification (ID) command, which will return a unique
value for the 24CSM01, allowing easy identification
within the application.
System Configuration Using Serial EEPROMs
I2C MCU
Client 0
24CSXXX
RPUP(max) =
tR(max)
0.8473
 CL
RPUP(min) =
VCC – VOL(max)
IOL
VCC
VSS
VCC
SCL
SDA
WP
NC
A1
A2
VSS
VCC
WP
SDA
SCL
Client 1
24CSXXX
NC
A1
A2
VSS
VCC
WP
SDA
SCL
Client 3
24CSXXX
NC
A1
A2
VSS
VCC
WP
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com