Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/P Datasheet(PDF) 10 Page - Microchip Technology

Part # 24CSM01-E/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24CSM01-E/P Datasheet HTML 6Page - Microchip Technology 24CSM01-E/P Datasheet HTML 7Page - Microchip Technology 24CSM01-E/P Datasheet HTML 8Page - Microchip Technology 24CSM01-E/P Datasheet HTML 9Page - Microchip Technology 24CSM01-E/P Datasheet HTML 10Page - Microchip Technology 24CSM01-E/P Datasheet HTML 11Page - Microchip Technology 24CSM01-E/P Datasheet HTML 12Page - Microchip Technology 24CSM01-E/P Datasheet HTML 13Page - Microchip Technology 24CSM01-E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
24CSM01
DS20006781B
-page 10
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
3.3
Device Addressing
Communication with the 24CSM01 begins with an 8-bit
device address byte comprised of a 7-bit client address
and a Read/Write Select (R/W) bit. Since multiple client
devices can reside on the serial bus, each client device
must have its own unique address so that the host can
access each device independently.
The 7-bit client address can be constructed in two
ways. Most communications utilize a 4-bit device type
identifier, followed by a 2-bit hardware client address
and a 1-bit MSb (Most Significant bit) address bit.
Following the A2 and A1 hardware client address bits
is bit A16 (bit 1 of the device address byte), which is the
Most Significant bit of the memory array word address.
Refer to Table 6-1 to review the bit position.
Additionally, the 24CSM01 can accept a reserved 7-bit
host code, which is then followed by a device type
identifier and hardware client address. This 7-bit host
code enables access to different modes of operation
within the device.
The 24CSM01 will respond to only specific device type
identifiers, as shown in Section 3.3.1 “Valid Device
Address Byte Inputs”.
The 2-bit hardware client address is comprised of bits
A2 and A1. These bits can be used to expand the
address space by allowing up to four devices with the
same device type identifiers on the bus. These
hardware client address bits must correlate with the
logic level on the corresponding hardwired device
address input pins, A2 and A1.
The device will respond to all valid device address byte
combinations that it receives, except in cases where
the host code sequence specifically calls for no
response.
3.3.1
VALID DEVICE ADDRESS BYTE
INPUTS
The 24CSM01 will respond to two different device type
identifiers as well as two reserved host codes as shown
in Table 3-2.
TABLE 3-1:
DEVICE ADDRESS BYTE STRUCTURE
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2
A16
Bit 0
4-Bit Device Type Identifier
2-Bit Hardware
Client Address
1-Bit
Memory
Address
Read/Write
Select
7-Bit Reserved Host Code
TABLE 3-2:
TABLE OF VALID DEVICE ADDRESS BYTES
Access Region
Device Address
Byte Type
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
1-Mbit EEPROM
Device Type Identifier +
Hardware Address
10
10
A2
A1
A16
R/W
Security Register(1)
10
11
A2
A1
A16
R/W
Configuration Register(1)
10
11
A2
A1
A16
R/W
Manufacturer Identification(2)
Reserved Host Code
11
111
00
R/W
High-Speed (HS) Mode(3)
00
001
XX
X
Note 1: Accessing the Security or Configuration register is only possible if any sequence or command to the main
EEPROM (if one has been sent) has been properly terminated with a Stop condition. Without proper
termination of the previous sequence, all communications with the Security or Configuration registers will
not execute successfully.
2: See Section 11.0 “Manufacturer Identification Register” for details.
3: See Section 8.0 “High-Speed Mode” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com