Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/P Datasheet(PDF) 9 Page - Microchip Technology

Part # 24CSM01-E/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24CSM01-E/P Datasheet HTML 5Page - Microchip Technology 24CSM01-E/P Datasheet HTML 6Page - Microchip Technology 24CSM01-E/P Datasheet HTML 7Page - Microchip Technology 24CSM01-E/P Datasheet HTML 8Page - Microchip Technology 24CSM01-E/P Datasheet HTML 9Page - Microchip Technology 24CSM01-E/P Datasheet HTML 10Page - Microchip Technology 24CSM01-E/P Datasheet HTML 11Page - Microchip Technology 24CSM01-E/P Datasheet HTML 12Page - Microchip Technology 24CSM01-E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 9
24CSM01
3.0
MEMORY ORGANIZATION
3.1
EEPROM Organization
The 24CSM01 is internally organized as 512 pages of
256 bytes each.
3.2
Device Registers
The 24CSM01 contains three types of registers that
modulate device operation and/or report on the current
status of the device. These registers are:
• Configuration register
• Security register
• Manufacturer ID register
3.2.1
CONFIGURATION REGISTER
The Configuration register allows for modification of the
device write protection behavior as well as additional
device features. Once the device behavior is set as
desired, the Configuration register can be permanently
locked (or set to read-only), thereby preventing any
subsequent
changes.
Refer
to
Section 9.0
“Configuration Register” for additional information
on the Configuration register.
3.2.2
SECURITY REGISTER
The Security register is split into a read-only section and
a user-programmable lockable, identification page
section.
The
read-only
section
contains
a
preprogrammed, ensured unique, 128-bit serial
number. The user-programmable (lockable ID page)
section of the Security register is ideal for applications
that need to irreversibly protect critical or sensitive
application data from ever being altered. For further
details
about
the
Security
register,
refer
to
Section 10.0 “Security Register”.
3.2.3
MANUFACTURER ID REGISTER
The Manufacturer ID register is a read-only 24-bit
register that contains data in compliance with the I2C
Manufacturer ID sequence. The 24-bit value returned
is unique to the 24CSM01. Refer to Section 11.0
“Manufacturer Identification Register” for further
details.
FIGURE 3-1:
MEMORY ORGANIZATION
Memory Address Range
Protection Features
1-Mbit
EEPROM
4-Kbit
Security
Register
1-Mbit Address Range:
00000-1FFFF
128-Bit Serial Number
Address Range (0800h-080Fh)
Legacy Protection Mode
• Full Array Write Protection
via the Write-Protect Pin
Enhanced Protection Mode
• Individual Zone Protection
Based on Contents of
Configuration Register
Read-Only
Permanently Lockable by
Software
User-Programmable Lockable ID Page
Address Range (0900h-090Fh)
Reserved for Future Use
Address Range (0810h-08FFh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com