Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # 24CSM01-E/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24CSM01-E/P Datasheet HTML 9Page - Microchip Technology 24CSM01-E/P Datasheet HTML 10Page - Microchip Technology 24CSM01-E/P Datasheet HTML 11Page - Microchip Technology 24CSM01-E/P Datasheet HTML 12Page - Microchip Technology 24CSM01-E/P Datasheet HTML 13Page - Microchip Technology 24CSM01-E/P Datasheet HTML 14Page - Microchip Technology 24CSM01-E/P Datasheet HTML 15Page - Microchip Technology 24CSM01-E/P Datasheet HTML 16Page - Microchip Technology 24CSM01-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 13
24CSM01
FIGURE 5-2:
ACKNOWLEDGE TIMING
5.6
Standby Mode
The 24CSM01 features a low-power Standby mode,
which is enabled when any one of the following occurs:
• A valid power-up sequence is performed (see
Section 1.1 “Power-Up Requirements and
Reset Behavior”).
• A Stop condition at the end of a valid I2C
transaction is received by the device unless it
initiates an internal write cycle (see Section 6.0
“Write Operations”).
• At the completion of an internal write cycle (see
Section 6.0 “Write Operations”).
• An unsuccessful match of the device type
identifier or hardware client address in the device
address byte occurs (see Section 3.3 “Device
Addressing”).
• The host does not acknowledge the receipt of a
data readout from the device; instead, it sends a
NACK response (see Section 7.0 “Read
Operations”).
5.7
Software Reset
After an interruption in protocol, power loss or system
Reset, any Two-Wire device can be protocol Reset by
clocking SCL until SDA is released by the EEPROM
and goes high. The number of clock cycles until SDA is
released by the EEPROM will vary. The Software Reset
sequence should not take more than nine dummy clock
cycles. Note that the Software Reset sequence will not
interrupt the internal write cycle and only resets the I2C
interface.
Once the Software Reset sequence is complete, a new
protocol can be sent to the device by sending a Start
condition followed by the protocol. Figure 5-3 illustrates
the Software Reset sequence.
In the event that the device is still non-responsive or
remains active on the SDA bus, a power cycle must be
used to reset the device (see Section 1.1.1 “Device
Reset”).
FIGURE 5-3:
SOFTWARE RESET
SCL
9
8
7
6
5
4
3
2
11
2
3
Transmitter must release the SDA line at this point,
allowing the Receiver to pull the SDA line low to
acknowledge the previous eight bits of data.
Receiver must release the SDA line
at this point, so the Transmitter can
continue sending data.
Data from Transmitter
SDA
Acknowledge
Bit
Data from Transmitter
SCL
SDA
SDA Released
by EEPROM
Device is
Software Reset
1
2
389
Dummy Clock Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com