Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/P Datasheet(PDF) 20 Page - Microchip Technology

Part # 24CSM01-E/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button 24CSM01-E/P Datasheet HTML 16Page - Microchip Technology 24CSM01-E/P Datasheet HTML 17Page - Microchip Technology 24CSM01-E/P Datasheet HTML 18Page - Microchip Technology 24CSM01-E/P Datasheet HTML 19Page - Microchip Technology 24CSM01-E/P Datasheet HTML 20Page - Microchip Technology 24CSM01-E/P Datasheet HTML 21Page - Microchip Technology 24CSM01-E/P Datasheet HTML 22Page - Microchip Technology 24CSM01-E/P Datasheet HTML 23Page - Microchip Technology 24CSM01-E/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
24CSM01
DS20006781B
-page 20
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
7.2
Random Read
Random read operations allow the host to access any
memory location in a random manner. To perform this
type of read operation, first the word address must be
set. This is done by sending the word address to the
24CSM01 as part of a write operation (R/W bit set
to ‘0’). After the word address is sent, the host
generates a Start condition following the Acknowledge.
This terminates the write operation, but not before the
internal Address Pointer is set. Then, the host issues
the device address byte again but with the R/W bit set
to a logic ‘1’.
The 24CSM01 will then issue an Acknowledge and
transmit the 8-bit data byte. The host will not
acknowledge the transfer, but does generate a Stop
condition which causes the 24CSM01 to discontinue
transmission (Figure 7-2). After a random read
operation, the internal Address Pointer will point to the
last word address location incremented by one.
FIGURE 7-2:
RANDOM READ
SCL
MSb
MSb
MSb
MSb
MSb
SDA
1
2
3
4
5
6
7
8
9
1
2
3
4
5
67
89
1
2
3
4
5
6789
Word Address – Byte 1
Word Address – Byte 0
Device Address Byte
10
1
0
0
0
A15 A14 A13 A12 A11 A10 A9 A8 0 A7 A6 A5 A4 A3 A2
0
A1 A0
A2 A1 A16
ACK
from
Client
ACK
from
Client
ACK
from
Client
12
3
4
5
6
7
8
91
2
3
4
5
6
7
8
9
Device Address Byte
Data Byte (n)
10
1
0
0
1
D7 D6 D5 D4
A2 A1 x
D3 D2 D1 D0 0
NACK
from
Host
ACK
from
Client
Stop by
Host
Start by
Host
Note 1:
“Don’t care” bit.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com