Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/P Datasheet(PDF) 32 Page - Microchip Technology

Part # 24CSM01-E/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/P Datasheet(HTML) 32 Page - Microchip Technology

Back Button 24CSM01-E/P Datasheet HTML 28Page - Microchip Technology 24CSM01-E/P Datasheet HTML 29Page - Microchip Technology 24CSM01-E/P Datasheet HTML 30Page - Microchip Technology 24CSM01-E/P Datasheet HTML 31Page - Microchip Technology 24CSM01-E/P Datasheet HTML 32Page - Microchip Technology 24CSM01-E/P Datasheet HTML 33Page - Microchip Technology 24CSM01-E/P Datasheet HTML 34Page - Microchip Technology 24CSM01-E/P Datasheet HTML 35Page - Microchip Technology 24CSM01-E/P Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
24CSM01
DS20006781B
-page 32
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
10.4
Locking the Security Register
The user-programmable portion of the Security register
can be permanently inhibited from future writing with
the lock operation. The status of the lock state can be
determined from the check lock operation.
10.4.1
LOCK OPERATION
The lock operation is an irreversible sequence that will
permanently prevent all future writing to the upper
256 bytes of the Security register. Once the lock
operation has been executed, the entire 512-byte
Security register becomes read-only.
The lock operation protocol emulates a byte write
operation to the Security register, however, the A11
through A8 bits of the word address must be set to
‘0110b’ (6h).
The remaining bits of the word address and the data
bytes are “don’t care” bits. Even though these bits are
“don’t care” bits, they still must be transmitted to the
device.
If the remaining bits are not transmitted, this will cause
the write cycle to abort and the Security register to
remain unlocked.
ACK responses to the word address and data byte
indicate the Security register is not currently locked. A
NACK response indicates the Security register region
is already locked.
Refer to Section 10.4.2 “Determining the Lock State
of the Security Register” for details about determining
the lock status of the Security register.
The sequence completes with a Stop condition being
sent to the device, which initiates a self-timed internal
write cycle. The lock operation will conclude upon
completion of that write cycle, subsequently making the
Security register permanently read-only.
FIGURE 10-3:
SECURITY REGISTER LOCK OPERATION
Note:
Once the Security register has been
locked, it cannot be unlocked.
Note:
The lock operation cannot be inhibited by
asserting the Write-Protect pin. Refer to
Section 6.6 “Write Protection”, which
describes the device behavior with
respect to the Write-Protect pin status.
MSb
MSb
1
2
3
456
7
8
9
1
2
3
45
6
7
8
9
Device Address Byte
Word Address – Byte 0
10
1
1
0
0x
x
x
x
A2 A1 x0 1 1 0 0
ACK
from
Client
ACK
from
Client
Start by
Host
MSb
MSb
1
2
3
4
5
6
7
8
9
123
45
6
7
8
9
Word Address – Byte 1
Data Byte
xx
x
x
0
x
xx
x
x
xx x
x
x
xx0
ACK
from
Client
ACK
from
Client
Stop by
Host
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com