Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/P Datasheet(PDF) 33 Page - Microchip Technology

Part # 24CSM01-E/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/P Datasheet(HTML) 33 Page - Microchip Technology

Back Button 24CSM01-E/P Datasheet HTML 29Page - Microchip Technology 24CSM01-E/P Datasheet HTML 30Page - Microchip Technology 24CSM01-E/P Datasheet HTML 31Page - Microchip Technology 24CSM01-E/P Datasheet HTML 32Page - Microchip Technology 24CSM01-E/P Datasheet HTML 33Page - Microchip Technology 24CSM01-E/P Datasheet HTML 34Page - Microchip Technology 24CSM01-E/P Datasheet HTML 35Page - Microchip Technology 24CSM01-E/P Datasheet HTML 36Page - Microchip Technology 24CSM01-E/P Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 33
24CSM01
10.4.2
DETERMINING THE LOCK STATE
OF THE SECURITY REGISTER
The check lock operation follows the same sequence
as the lock operation (including ‘0110b’ in the A11
through A8 bits of the word address) with the exception
that only the device address byte and the first word
address byte (byte 0) need to be transmitted to the
device. An ACK response to the word address byte
indicates the lock has not been set while a NACK
response indicates the lock has been set. If the lock
has already been set, it cannot be undone. The check
lock operation is completed when the host sends a
Stop condition to the device. This sequence is shown in
Figure 10-4.
FIGURE 10-4:
DETERMINING THE SECURITY REGISTER LOCK STATE
Note:
Only the device address byte and the first
word address byte (byte 0) should be sent
to determine the lock state of the Security
register. Sending the second word
address byte (byte 1) and a data byte can
inadvertently lock the Security register.
MSb
MSb
12
3
4
5
6
7
8
91
2
3
4
5
6
7
8
9
Device Address Byte
Word Address – Byte 0
10
1
1
0
0x
x
x
x
A2 A1 x
0
1
1
0 0/1
ACK from
Client if
Unlocked
ACK
from
Client
Start by
Host
Stop by
Host
NACK from
Client if
Locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com