Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/P Datasheet(PDF) 7 Page - Microchip Technology

Part # 24CSM01-E/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24CSM01-E/P Datasheet HTML 3Page - Microchip Technology 24CSM01-E/P Datasheet HTML 4Page - Microchip Technology 24CSM01-E/P Datasheet HTML 5Page - Microchip Technology 24CSM01-E/P Datasheet HTML 6Page - Microchip Technology 24CSM01-E/P Datasheet HTML 7Page - Microchip Technology 24CSM01-E/P Datasheet HTML 8Page - Microchip Technology 24CSM01-E/P Datasheet HTML 9Page - Microchip Technology 24CSM01-E/P Datasheet HTML 10Page - Microchip Technology 24CSM01-E/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 7
24CSM01
1.1
Power-Up Requirements and
Reset Behavior
During a power-up sequence, the VCC supplied to the
24CSM01 should monotonically rise from VSS to the
minimum VCC level, as specified in Table 1-1, with a
slew rate no faster than 0.1 V/µs.
1.1.1
DEVICE RESET
To prevent write operations or other spurious events
from happening during a power-up sequence, the
24CSM01 includes a Power-on Reset (POR) circuit.
Upon power-up, the device will not respond to any
commands until the VCC level crosses the internal
voltage threshold (VPOR) that brings the device out of
Reset and into Standby mode.
The system designer must ensure that instructions are
not sent to the device until the VCC supply has reached
a stable value greater than or equal to the minimum
VCC level. Additionally, once the VCC is greater than or
equal to the minimum VCC level, the host must wait at
least TPUP before sending the first command to the
device. See Table 1-4 for the values associated with
these power-up parameters.
If an event occurs in the system where the VCC level
supplied to the 24CSM01 drops below the maximum
VPOR level specified, it is recommended that a
full-power cycle sequence be performed by first driving
the VCC pin to VSS, waiting at least the minimum TPOFF
time and then perform a new power-up sequence in
compliance
with
the
requirements
defined
in
Section 1.1 “Power-Up Requirements and Reset
Behavior”.
TABLE 1-4:
POWER-UP CONDITIONS
Symbol
Parameter
Min.
Max.
Units
TPUP
Time required after VCC is stable before the device can accept commands
100
µs
VPOR
Power-on Reset threshold voltage
1.5
V
TPOFF
Minimum time at VCC = 0V between power cycles
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com