Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 24CSM01-E/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/P Datasheet(HTML) 1 Page - Microchip Technology

  24CSM01-E/P Datasheet HTML 1Page - Microchip Technology 24CSM01-E/P Datasheet HTML 2Page - Microchip Technology 24CSM01-E/P Datasheet HTML 3Page - Microchip Technology 24CSM01-E/P Datasheet HTML 4Page - Microchip Technology 24CSM01-E/P Datasheet HTML 5Page - Microchip Technology 24CSM01-E/P Datasheet HTML 6Page - Microchip Technology 24CSM01-E/P Datasheet HTML 7Page - Microchip Technology 24CSM01-E/P Datasheet HTML 8Page - Microchip Technology 24CSM01-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B-page 1
24CSM01
Features
• 1-Mbit EEPROM:
- Internally organized as one 131,072 x 8 bit
- Byte or page writes up to 256 bytes
- Byte or sequential reads
- Self-timed write cycle (5 ms maximum)
• High-Speed I2C Interface:
- High-Speed mode support for 3.4 MHz
- Industry standard: 1 MHz, 400 kHz and
100 kHz
- Output slope control to eliminate ground
bounce
- Schmitt Trigger inputs for noise suppression
• Security Register:
- Preprogrammed 128-bit serial number
- User-programmable, lockable
256-byte ID page
• Built-In Error Correction Code (ECC) Logic:
- Error Correction State (ECS) latch via the
Configuration register
•I2C Manufacturer Identification Function Support
• Versatile Data Protection Options:
- Hardware Write-Protect (WP) pin for full array
data protection
- Enhanced software write protection via the
Configuration register
• Operating Voltage Range of 1.7V to 5.5V
• Low-Power CMOS Technology:
- Write current: 3.0 mA maximum at 5.5V
- Read current: 1.0 mA maximum at 5.5V,
1MHz
- Standby current: 1 µA at 5.5V (I-temp.)
• High Reliability:
- More than one million erase/write cycles
- Build-in ECC logic for increased reliability
- Data retention: >200 years
- ESD protection: >4000V
• RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
• Automotive AEC-Q100 Qualified
Packages
• 8-Ball CSP, 8-Lead MSOP, 8-Lead PDIP, 8-Lead
SOIC, 8-Lead SOIJ, 8-Lead TSSOP and 8-Lead
UDFN
Package Types (not to scale)
8-Pad UDFN
NC
A1
VSS
WP
SDA
VCC
8
7
5
1
2
4
A2 3
SCL
6
(Top View)
8-Lead MSOP/PDIP/SOIC/
1
2
3
4
8
7
6
5
NC
A1
A2
VSS
VCC
WP
SCL
SDA
8-Ball CSP
(Top View)
SOIJ/TSSOP
(Top View)
NC
A1
A2
VSS
VCC
WP
SCL
SDA
1-Mbit, 3.4 MHz I2C Serial EEPROM with 128-Bit Serial Number
and Enhanced Software Write Protection


Similar Part No. - 24CSM01-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24CS512 MICROCHIP-24CS512 Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
24CS512-E/P MICROCHIP-24CS512-E/P Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
24CS512-E/SM MICROCHIP-24CS512-E/SM Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
24CS512-E/SN MICROCHIP-24CS512-E/SN Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
24CS512-I/P MICROCHIP-24CS512-I/P Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
More results

Similar Description - 24CSM01-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ON Semiconductor
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
Microchip Technology
24CS512 MICROCHIP-24CS512 Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
25CSM04 MICROCHIP-25CSM04 Datasheet
753Kb / 55P
4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
Revision D (05/2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com