Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/P Datasheet(PDF) 35 Page - Microchip Technology

Part # 24CSM01-E/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button 24CSM01-E/P Datasheet HTML 31Page - Microchip Technology 24CSM01-E/P Datasheet HTML 32Page - Microchip Technology 24CSM01-E/P Datasheet HTML 33Page - Microchip Technology 24CSM01-E/P Datasheet HTML 34Page - Microchip Technology 24CSM01-E/P Datasheet HTML 35Page - Microchip Technology 24CSM01-E/P Datasheet HTML 36Page - Microchip Technology 24CSM01-E/P Datasheet HTML 37Page - Microchip Technology 24CSM01-E/P Datasheet HTML 38Page - Microchip Technology 24CSM01-E/P Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 35
24CSM01
11.1
Manufacturer Identification
Register Data
The Manufacturer Identifier portion of the ID is returned
in the 12 Most Significant bits of the three bytes read
out. The manufacturer reserved I2C identifier value is
‘0000-0000-1101b’ (00Dh). Therefore, the first byte
read out by the device will be 00h. The upper nibble of
the second byte read out is Dh.
The Least Significant 12 bits of the 24-bit Manufacturer
ID is comprised of an I2C identifier defined value that
indicates the device density and revision. The D11
through D3 bits indicate the device density and the D2
through D0 bits indicate the device revision. The overall
24-bit value returned by the 24CSM01 is 00D0D0h.
The output is shown more specifically in Table 11-1.
TABLE 11-1:
MANUFACTURER IDENTIFICATION REGISTER FORMAT
Data Type
Field Width
Bit Position
within
24-Bit Value
24CSM01 Response
Binary Value
Hex Value
Indication
Manufacturer
12 Bits
D23-D12
0000-0000-1101
00Dh
Reserved Value
Device Density
9 Bits
D11-D3
0000-1101-0
0D0h
I2C, 1-Mbit
Device Revision
3 Bits
D2-D0
000
Revision 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com