Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/P Datasheet(PDF) 15 Page - Microchip Technology

Part # 24CSM01-E/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button 24CSM01-E/P Datasheet HTML 11Page - Microchip Technology 24CSM01-E/P Datasheet HTML 12Page - Microchip Technology 24CSM01-E/P Datasheet HTML 13Page - Microchip Technology 24CSM01-E/P Datasheet HTML 14Page - Microchip Technology 24CSM01-E/P Datasheet HTML 15Page - Microchip Technology 24CSM01-E/P Datasheet HTML 16Page - Microchip Technology 24CSM01-E/P Datasheet HTML 17Page - Microchip Technology 24CSM01-E/P Datasheet HTML 18Page - Microchip Technology 24CSM01-E/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 15
24CSM01
6.2
Page Write
A page write operation allows up to 256 bytes to be
written in the same write cycle, provided all bytes are in
the same physical page of the memory array (where
address bits A16 through A8 are the same). Partial
page writes of less than 256 bytes are also allowed.
A page write is initiated the same way as a byte write,
but the host does not send a Stop condition after the
first data byte is clocked in.
Instead, after the EEPROM acknowledges receipt of
the first data byte, the host can transmit up to
255 additional data bytes. The EEPROM will respond
with an ACK after each data byte is received.
Once all data to be written have been sent to the
device, the host must issue a Stop condition (see
Figure 6-2). When the Stop condition is received, an
internal write cycle will begin.
If an attempt is made to write to a write-protected
portion of the array, no data will be written and the
device will immediately accept a new command.
The lower eight bits of the word address are internally
incremented following the receipt of each data byte.
The higher-order address bits are not incremented and
retain the memory page location.
When the incremented word address reaches the page
boundary, the internal Address Pointer will roll over to
the beginning of the same page.
FIGURE 6-2:
PAGE WRITE
Note:
Page write operations are limited to writing
bytes within a single physical page,
regardless of the number of bytes actually
being written. Physical page boundaries
start at addresses that are integer multiples
of the page buffer size (or ‘page size’) and
end at the addresses that are integer
multiples of [page size – 1]. If a page write
operation attempts to write across a
physical page boundary, the result is that
the data wrap around to the beginning of
the
current
page
(overwriting
data
previously stored there) instead of being
written to the next page as might be
expected. It is, therefore, necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.
SCL
SDA
MSb
MSb
MSb
MSb
MSb
MSb
1
2
3
4
56
7
8
9
1
2
3
4
56
78
9
ACK
from
Client
10
1
0
A2 A1 A16 00 A15 A14 A13 A12 A11 A10 A9 A8
0
ACK
from
Client
Word Address – Byte 0
Device Address Byte
12
3
4
5
6
7
8
912
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
ACK
from
Client
Word Address – Byte 1
Data Byte (n)
Data Byte (n+x), Max.
of 256 without Roll Over
A7 A6 A5 A4 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
00 D7 D6 D5 D4 D3 D2 D1 D0 0
ACK
from
Client
ACK
from
Client
Stop by
Host
Start by
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com