Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2414IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2414IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2414IGN Datasheet HTML 3Page - Linear Technology LTC2414IGN Datasheet HTML 4Page - Linear Technology LTC2414IGN Datasheet HTML 5Page - Linear Technology LTC2414IGN Datasheet HTML 6Page - Linear Technology LTC2414IGN Datasheet HTML 7Page - Linear Technology LTC2414IGN Datasheet HTML 8Page - Linear Technology LTC2414IGN Datasheet HTML 9Page - Linear Technology LTC2414IGN Datasheet HTML 10Page - Linear Technology LTC2414IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LTC2414/LTC2418
7
241418fa
TYPICAL PERFOR A CE CHARACTERISTICS
Total Unadjusted Error
(VCC = 5V, VREF = 5V)
Total Unadjusted Error
(VCC = 5V, VREF = 2.5V)
Total Unadjusted Error
(VCC = 2.7V, VREF = 2.5V)
Integral Nonlinearity
(VCC = 5V, VREF = 5V)
Integral Nonlinearity
(VCC = 5V, VREF = 2.5V)
Integral Nonlinearity
(VCC = 2.7V, VREF = 2.5V)
Noise Histogram
(VCC = 5V, VREF = 5V)
Noise Histogram
(VCC = 2.7V, VREF = 2.5V)
Long Term ADC Readings
INPUT VOLTAGE (V)
–2.5 –2.0
–1.0
0
1.0
2.0
3
2
1
0
–1
–2
–3
–1.5
–0.5
0.5
1.5
241418 G01
2.5
FO = GND
VCC = 5V
VREF = 5V
VINCM = VREFCM = 2.5V
TA = 25°C
TA = –45°C
TA = 85°C
INPUT VOLTAGE (V)
–1.25
3
2
1
0
–1
–2
–3
–0.75
–0.25
0.25
0.75
241418 G02
1.25
FO = GND
VCC = 5V
VREF = 2.5V
VINCM = VREFCM = 1.25V
TA = 25°C
TA = 85°C
TA = –45°C
INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
0.25
0.75
241418 G03
1.25
8
6
4
2
0
–2
–4
–6
–8
FO = GND
VCC = 2.7V
VREF = 2.5V
VINCM = VREFCM = 1.25V
TA = 85°C
TA = –45°C
TA = 25°C
INPUT VOLTAGE (V)
–2.5 –2.0
–1.0
0
1.0
2.0
3
2
1
0
–1
–2
–3
–1.5
–0.5
0.5
1.5
241418 G04
2.5
FO = GND
VCC = 5V
VREF = 5V
VINCM = VREFCM = 2.5V
TA = 25°C
TA = –45°C
TA = 85°C
INPUT VOLTAGE (V)
3
2
1
0
–1
–2
–3
241418 G05
FO = GND
VCC = 5V
VREF = 2.5V
VINCM = VREFCM = 1.25V
TA = 25°C
TA = 85°C
TA = –45°C
–1.25
–0.75
–0.25
0.25
0.75
1.25
INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
0.25
0.75
241418 G06
1.25
8
6
4
2
0
–2
–4
–6
–8
FO = GND
VCC = 2.7V
VREF = 2.5V
VINCM = VREFCM = 1.25V
TA = 85°C
TA = –45°C
TA = 25°C
OUTPUT CODE (ppm OF VREF)
–1.2
30
25
20
15
10
5
0
–0.6
0
241418 G07
0.6
10,000 CONSECUTIVE READINGS
FO = GND
TA = 25°C
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = 2.5V
GAUSSIAN
DISTRIBUTION
m = –0.24ppm
σ = 0.183ppm
OUTPUT CODE (ppm OF VREF)
14
12
10
8
6
4
2
0
241418 G08
–2.4
–1.8
–1.2
–0.6
0
0.6
1.2
10,000 CONSECUTIVE READINGS
FO = GND
TA = 25°C
VCC = 2.7V
VREF = 2.5V
VIN = 0V
VINCM = 2.5V
GAUSSIAN
DISTRIBUTION
m = –0.48ppm
σ = 0.375ppm
TIME (HOURS)
0
1.0
0.5
0
–0.5
–1.0
–1.5
10
20
30
40
LTXXXX • TPCXX
50
60
RMS NOISE = 0.19ppm
FO = GND
TA = 25°C
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com