Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2414IGN Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2414IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414IGN Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2414IGN Datasheet HTML 26Page - Linear Technology LTC2414IGN Datasheet HTML 27Page - Linear Technology LTC2414IGN Datasheet HTML 28Page - Linear Technology LTC2414IGN Datasheet HTML 29Page - Linear Technology LTC2414IGN Datasheet HTML 30Page - Linear Technology LTC2414IGN Datasheet HTML 31Page - Linear Technology LTC2414IGN Datasheet HTML 32Page - Linear Technology LTC2414IGN Datasheet HTML 33Page - Linear Technology LTC2414IGN Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
LTC2414/LTC2418
30
241418fa
In addition to this gain error, the converter INL perfor-
mance is degraded by the reference source impedance.
When FO = LOW (internal oscillator and 60Hz notch), every
100
Ω of source resistance driving REF+ or REF– translates
into about 1.34ppm additional INL error. When FO = HIGH
(internal oscillator and 50Hz notch), every 100
Ωof source
resistance driving REF+ or REF– translates into about
1.1ppm additional INL error. When FO is driven by an
external oscillator with a frequency fEOSC, every 100Ω of
source resistance driving REF+ or REF– translates into
about 8.73 • 10–6 • fEOSCppm additional INL error.
Figure 22 shows the typical INL error due to the source
resistance driving the REF+ or REF– pins when large CREF
values are used. The effect of the source resistance on the
two reference pins is additive with respect to this INL error.
In general, matching of source impedance for the REF+
and REF– pins does not help the gain or the INL error. The
user is thus advised to minimize the combined source
impedance driving the REF+ and REF– pins rather than to
try to match it.
The magnitude of the dynamic reference current depends
upon the size of the very stable internal sampling capaci-
tors and upon the accuracy of the converter sampling
clock. The accuracy of the internal clock over the entire
temperature and power supply range is typical better than
0.5%. Such a specification can also be easily achieved by
an external clock. When relatively stable resistors
(50ppm/
°C) are used for the external source impedance
seen by REF+ and REF–, the expected drift of the dynamic
current gain error will be insignificant (about 1% of its
value over the entire temperature and voltage range). Even
for the most stringent applications a onetime calibration
operation may be sufficient.
In addition to the reference sampling charge, the reference
pins ESD protection diodes have a temperature dependent
leakage current. This leakage current, nominally 1nA
(
±10nA max), results in a small gain error. A 100Ω source
resistance will create a 0.05
µV typical and 0.5µV maxi-
mum full-scale error.
Output Data Rate
When using its internal oscillator, the LTC2414/LTC2418
can produce up to 7.5 readings per second with a notch
frequency of 60Hz (FO = LOW) and 6.25 readings per
second with a notch frequency of 50Hz (FO = HIGH). The
actual output data rate will depend upon the length of the
sleep and data output phases which are controlled by the
user and which can be made insignificantly short. When
operated with an external conversion clock (FO connected
to an external oscillator), the LTC2414/LTC2418 output
data rate can be increased as desired up to that determined
by the maximum fEOSC frequency of 2000kHz. The dura-
tion of the conversion phase is 20510/fEOSC. If fEOSC =
153600Hz, the converter behaves as if the internal oscil-
lator is used and the notch is set at 60Hz. There is no
significant difference in the LTC2414/LTC2418 perfor-
mance between these two operation modes.
An increase in fEOSC over the nominal 153600Hz will
translate into a proportional increase in the maximum
output data rate. This substantial advantage is neverthe-
less accompanied by three potential effects, which must
be carefully considered.
First, a change in fEOSC will result in a proportional change
in the internal notch position and in a reduction of the
converter differential mode rejection at the power line
frequency. In many applications, the subsequent perfor-
mance degradation can be substantially reduced by rely-
ing upon the LTC2414/LTC2418’s exceptional common
APPLICATIO S I FOR ATIO
Figure 22. INL vs Differential Input Voltage (VIN = IN+ – IN–)
and Reference Source Resistance (RSOURCE at REF+ and REF– for
Large CREF Values (CREF ≥ 1µF)
VINDIF/VREFDIF
–0.5 –0.4–0.3–0.2–0.1 0
0.1 0.2 0.3 0.4 0.5
15
12
9
6
3
0
–3
–6
–9
–12
–15
VCC = 5V
REF+ = 5V
REF– = GND
VINCM = 0.5 • (IN
+ + IN–) = 2.5V
FO = GND
CREF = 10µF
TA = 25°C
RSOURCE = 1000Ω
RSOURCE = 500Ω
RSOURCE = 100Ω
2414/18 F22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com