Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2414IGN Datasheet(PDF) 43 Page - Linear Technology

Part # LTC2414IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414IGN Datasheet(HTML) 43 Page - Linear Technology

Back Button LTC2414IGN Datasheet HTML 39Page - Linear Technology LTC2414IGN Datasheet HTML 40Page - Linear Technology LTC2414IGN Datasheet HTML 41Page - Linear Technology LTC2414IGN Datasheet HTML 42Page - Linear Technology LTC2414IGN Datasheet HTML 43Page - Linear Technology LTC2414IGN Datasheet HTML 44Page - Linear Technology LTC2414IGN Datasheet HTML 45Page - Linear Technology LTC2414IGN Datasheet HTML 46Page - Linear Technology LTC2414IGN Datasheet HTML 47Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
LTC2414/LTC2418
43
241418fa
// LTC2418 PIC16F84 Interface Example
// Written for CC5X Compiler
// Processor is PIC16F84 running at 10 MHz
#include <16f84.h>
#include <int16cxx.h>
#pragma origin = 0x4
#pragma config |= 0x3fff, WDTE=off,FOSC=HS
// global pin definitions:
#pragma bit rx_pin
@ PORTB.0
//input
#pragma bit tx_pin
@ PORTB.1
//output
#pragma bit sck
@ PORTB.2
//output
#pragma bit sdi
@ PORTB.3
//output
#pragma bit sdo
@ PORTB.4
//input
#pragma bit cs_bar
@ PORTB.5
//output
// Global Variables
uns8 result_3;
// Conversion result MS byte
uns8 result_2;
// ..
uns8 result_1;
// ..
uns8 result_0;
// Conversion result LS byte
void shiftbidir(char nextch);
// function prototype
void main( void)
{
INTCON=0b00000000;
// no interrupts
TRISA=0b00000000;
// all PORTA pins outputs
TRISB=0b00010001;
// according to definitions above
char channel;
// next channel to send
while(1)
{
/* channel bit fields are 7:6, 10 always; 5, EN; 4, SGL; 3, ODD/SIGN; 2:0, ADDR */
channel = 0b10101000;
// CH0,1 DIFF.
cs_bar=0;
// activate ADC
while(sdo==1)
// test for end of conversion
{
// wait if conversion is not complete
}
shiftbidir(channel);
// read ADC, send next channel
cs_bar = 1;
// deactivate ADC
/* At this point global variables result 3,2,1 contain the 24 bit conversion result. Variable result3
contains the corresponding channel information in the following fields:
bits 7:6, 00 always, 5, EN; 4, SGL; 3, ODD/SIGN; 2:0, ADDR */
}
// end of loop
}
// end of main
Figure 50. Sample Program in CC5X for PIC16F84
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com