Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2414IGN Datasheet(PDF) 40 Page - Linear Technology

Part # LTC2414IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414IGN Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC2414IGN Datasheet HTML 36Page - Linear Technology LTC2414IGN Datasheet HTML 37Page - Linear Technology LTC2414IGN Datasheet HTML 38Page - Linear Technology LTC2414IGN Datasheet HTML 39Page - Linear Technology LTC2414IGN Datasheet HTML 40Page - Linear Technology LTC2414IGN Datasheet HTML 41Page - Linear Technology LTC2414IGN Datasheet HTML 42Page - Linear Technology LTC2414IGN Datasheet HTML 43Page - Linear Technology LTC2414IGN Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
LTC2414/LTC2418
40
241418fa
350
Ω
BRIDGE
0.1
µF
1
µF
15V
15V
–15V
38
14
7
4
13
12
11
10V
5V
15V
U1
LTC1043
6
2
7
4
7
4
–
+
REF+
REF–
CH0
CH1
GND
VCC
11
12
21
22
15
2410 F52
9
5V
LTC2414/
LTC2418
47
µF
0.1
µF
10V
+
17
5
15
6
18
3
2
U2
LTC1043
1
µF
FILM
8
14
7
4
13
12
11
*
*
*
5V
U2
LTC1043
17
–10V
–10V
LT1236-5
1k
33
Ω
Q1
2N3904
0.1
µF
15V
–15V
–15V
3
6
2
–
+
1k
33
Ω
–10V
10V
Q2
2N3906
*FLYING CAPACITORS ARE
1
µF FILM (MKP OR EQUIVALENT)
SEE LTC1043 DATA SHEET FOR
DETAILS ON UNUSED HALF OF U1
LTC1150
LTC1150
20
Ω
200
Ω
20
Ω
200
Ω
0.1
µF
10
µF
Figure 46. LTC1043 Provides Precise 4X Reference for Excitation Voltages
APPLICATIO S I FOR ATIO
The error associated with the 10V excitation would be
–80ppm. Hence, overall reference error could be as high
as 130ppm, the average of the two.
Figure 47 shows a similar scheme to provide excitation
using resistor arrays to produce precise gain. The circuit
is configured to provide 10V and –5V excitation to the
bridge, producing a common mode voltage at the input to
the LTC2414/LTC2418 of 2.5V, maximizing the AC input
range for applications where induced 60Hz could reach
amplitudes up to 2VRMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com