Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2414IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2414IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2414IGN Datasheet HTML 5Page - Linear Technology LTC2414IGN Datasheet HTML 6Page - Linear Technology LTC2414IGN Datasheet HTML 7Page - Linear Technology LTC2414IGN Datasheet HTML 8Page - Linear Technology LTC2414IGN Datasheet HTML 9Page - Linear Technology LTC2414IGN Datasheet HTML 10Page - Linear Technology LTC2414IGN Datasheet HTML 11Page - Linear Technology LTC2414IGN Datasheet HTML 12Page - Linear Technology LTC2414IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LTC2414/LTC2418
9
241418fa
TYPICAL PERFOR A CE CHARACTERISTICS
Full-Scale Error vs Temperature
Full-Scale Error vs VCC
Full-Scale Error vs VREF
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
Conversion Current
vs Temperature
Supply Current at Elevated
Output Rates (FO Over Driven)
Sleep Mode Current
vs Temperature
TEMPERATURE (
°C)
–60
5
4
3
2
1
0
–1
–2
–3
–4
–5
–20
20
40
241418 G19
–40
0
60
80
100
+FS ERROR
–FS ERROR
FO = GND
VCC = 5V
VREF = 5V
VINCM = 2.5V
VCC (V)
2.7
5
4
3
2
1
0
–1
–2
–3
–4
–5
3.5
3.9
4.3
4.7
5.1
5.5
241418 G20
3.1
+FS ERROR
–FS ERROR
FO = GND
TA = 25°C
VREF = 2.5V
VINCM = 0.5VREF
REF– = GND
VREF (V)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
241418 G21
0.5
+FS ERROR
–FS ERROR
FO = GND
TA = 25°C
VCC = 5V
VINCM = 0.5VREF
REF– = GND
FREQUENCY AT VCC (Hz)
0
–20
–40
–60
–80
–100
–120
–140
241418 G22
1
10
100
1000 10000 100000 1000000
FO = GND
TA = 25°C
VCC = 4.1VDC
REF+ = 2.5V
REF– = GND
IN+ = GND
IN– = GND
SDI = GND
FREQUENCY AT VCC (Hz)
0
180
241418 G23
60
120
240
0
–20
–40
–60
–80
–100
–120
–140
30
90
150
210
FO = GND
TA = 25°C
VCC = 4.1VDC ±1.4V
REF+ = 2.5V
REF– = GND
IN+ = GND
IN– = GND
SDI = GND
241418 G24
0
–20
–40
–60
–80
–100
–120
–140
FO = GND
TA = 25°C
VCC = 4.1VDC ±0.7VP-P
REF+ = 2.5V
REF– = GND
IN+ = GND
IN– = GND
SDI = GND
FREQUENCY AT VCC (Hz)
15250
15300
15350
15400
15450
TEMPERATURE (
°C)
–45 –30 –15
90
241418 G25
0
15
30
75
60
45
240
230
220
210
200
190
180
170
160
CS = GND
FO = GND
SCK = NC
SDO = NC
SDI = GND
VCC = 5.5V
VCC = 5V
VCC = 3V
VCC = 2.7V
1000
900
800
700
600
500
400
300
200
100
OUTPUT DATA RATE (READINGS/SEC)
241418 G26
0
102030 40
50 60 70
80 90 100
CS = GND
FO = EXT OSC
IN+ = GND
IN– = GND
SCK = NC
SDO = NC
SDI = GND
TA = 25°C
VREF = VCC
VCC = 5V
VCC = 3V
TEMPERATURE (
°C)
–45 –30 –15
90
241418 G27
0
15
30
75
60
45
6
5
4
3
2
1
0
CS = VCC
FO = GND
SCK = NC
SDO = NC
SDI = GND
VCC = 5.5V
VCC = 5V
VCC = 3V
VCC = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com