Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2414IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2414IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2414IGN Datasheet HTML 4Page - Linear Technology LTC2414IGN Datasheet HTML 5Page - Linear Technology LTC2414IGN Datasheet HTML 6Page - Linear Technology LTC2414IGN Datasheet HTML 7Page - Linear Technology LTC2414IGN Datasheet HTML 8Page - Linear Technology LTC2414IGN Datasheet HTML 9Page - Linear Technology LTC2414IGN Datasheet HTML 10Page - Linear Technology LTC2414IGN Datasheet HTML 11Page - Linear Technology LTC2414IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LTC2414/LTC2418
8
241418fa
TYPICAL PERFOR A CE CHARACTERISTICS
RMS Noise vs Input Differential
Voltage
RMS Noise vs VINCM
RMS Noise vs Temperature (TA)
RMS Noise vs VCC
RMS Noise vs VREF
Offset Error vs VINCM
Offset Error vs Temperature
Offset Error vs VCC
Offset Error vs VREF
0.5
0.4
0.3
0.2
0.1
0
INPUT DIFFERENTIAL VOLTAGE (V)
–2.5 –2.0
–1.0
0
1.0
2.0
–1.5
–0.5
0.5
1.5
241418 G10
2.5
FO = GND
TA = 25°C
VCC = 5V
VREF = 5V
VINCM = 2.5V
VINCM (V)
–1
1.0
0.9
0.8
0.7
0.6
0.5
1
3
4
241418 G11
0
2
5
6
FO = GND
TA = 25°C
VCC = 5V
REF+ = 5V
REF– = GND
VIN = 0V
VINCM = GND
TEMPERATURE (
°C)
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
241418 G12
–50
–25
0
25
50
75
100
FO = GND
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = GND
VCC (V)
2.7
1.0
0.9
0.8
0.7
0.6
0.5
3.5
4.3
4.7
241418 G13
3.1
3.9
5.1
5.5
FO = GND
TA = 25°C
VIN = 0V
VINCM = GND
REF+ = 2.5V
REF– = GND
VREF (V)
0
1.0
0.9
0.8
0.7
0.6
0.5
4
1
2
3
5
241418 G14
FO = GND
TA = 25°C
VCC = 5V
VIN = 0V
VINCM = GND
REF– = GND
VINCM (V)
–1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
1
3
4
241418 G15
0
2
5
6
FO = GND
TA = 25°C
VCC = 5V
REF+ = 5V
REF– = GND
VIN = 0V
TEMPERATURE (
°C)
–45 –30
15
30
60
90
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
241418 G16
–15
0
75
45
FO = GND
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = GND
VCC (V)
2.7
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
3.5
4.3
4.7
241418 G17
3.1
3.9
5.1
5.5
FO = GND
TA = 25°C
VIN = 0V
VINCM = GND
REF+ = 2.5V
REF– = GND
VREF (V)
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
4
241418 G18
1
2
3
5
FO = GND
TA = 25°C
VCC = 5V
VIN = 0V
VINCM = GND
REF– = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com