Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2414IGN Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2414IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414IGN Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2414IGN Datasheet HTML 28Page - Linear Technology LTC2414IGN Datasheet HTML 29Page - Linear Technology LTC2414IGN Datasheet HTML 30Page - Linear Technology LTC2414IGN Datasheet HTML 31Page - Linear Technology LTC2414IGN Datasheet HTML 32Page - Linear Technology LTC2414IGN Datasheet HTML 33Page - Linear Technology LTC2414IGN Datasheet HTML 34Page - Linear Technology LTC2414IGN Datasheet HTML 35Page - Linear Technology LTC2414IGN Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
LTC2414/LTC2418
32
241418fa
Figure 26. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 27. Resolution (INLRMS ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 28. Offset Error vs Output
Data Rate and Reference Voltage
Figure 29. Resolution (NoiseRMS ≤ 1LSB) vs
Output Data Rate and Reference Voltage
Figure 30. Resolution (INLMAX ≤ 1LSB) vs
Output Data Rate and Reference Voltage
Figure 31. Input Signal Bandwidth
Using the Internal Oscillator
APPLICATIO S I FOR ATIO
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2414/18 F26
24
23
22
21
20
19
18
17
16
15
14
13
12
TA = 85°C
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
VIN = 0V
SDI = GND
FO = EXTERNAL OSCILLATOR
RESOLUTION = LOG2(VREF/NOISERMS)
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2414/18 F27
22
20
18
16
14
12
10
8
TA = 85°C
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
–2.5V < VIN < 2.5V
SDI = GND
FO = EXTERNAL OSCILLATOR
RESOLUTION = LOG2(VREF/INLMAX)
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
200
150
100
50
0
–50
2414/18 F28
0
102030 40
50 60 70
80 90 100
VREF = 5V
VREF = 2.5V
FO = EXTERNAL OSCILLATOR
VCC = 5V
REF– = GND
VIN = 0V
VINCM = 2.5V
SDI = GND
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2414/18 F29
24
23
22
21
20
19
18
17
16
15
14
13
12
VREF = 5V
VCC = 5V
REF – = GND
VINCM = 2.5V
VIN = 0V
SDI = GND
FO = EXTERNAL OSCILLATOR
TA = 25°C
RESOLUTION = LOG2(VREF/NOISERMS)
VREF = 2.5V
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2414/18 F30
22
20
18
16
14
12
10
8
TA = 25°C
VCC = 5V
REF – = GND
VINCM = 0.5 • REF
+
–0.5V • VREF < VIN < 0.5 • VREF
SDI = GND
FO = EXTERNAL OSCILLATOR
VREF = 2.5V
VREF = 5V
RESOLUTION =
LOG2(VREF/INLMAX)
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2414/18 F31
0.0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
–5.5
–6.0
FO = HIGH
FO = LOW
Due to the complex filtering and calibration algorithms
utilized, the converter input bandwidth is not modeled very
accurately by a first order filter with the pole located at the
3dB frequency. When the internal oscillator is used, the
shape of the LTC2414/LTC2418 input bandwidth is shown
in Figure 31 for FO = LOW and FO = HIGH. When an external
oscillator of frequency fEOSC is used, the shape of the
LTC2414/LTC2418 input bandwidth can be derived from
Figure 31, FO = LOW curve in which the horizontal axis is
scaled by fEOSC/153600.
The conversion noise (1
µVRMS typical for VREF = 5V) can
be modeled by a white noise source connected to a noise
free converter. The noise spectral density is 78nV/
√Hz for
an infinite bandwidth source and 107nV/
√Hz for a single
0.5MHz pole source. From these numbers, it is clear that
particular attention must be given to the design of external
amplification circuits. Such circuits face the simultaneous
requirements of very low bandwidth (just a few Hz) in
order to reduce the output referred noise and relatively
high bandwidth (at least 500kHz) necessary to drive the
input switched-capacitor network. A possible solution is a
high gain, low bandwidth amplifier stage followed by a
high bandwidth unity-gain buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com