Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2414IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2414IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2414IGN Datasheet HTML 15Page - Linear Technology LTC2414IGN Datasheet HTML 16Page - Linear Technology LTC2414IGN Datasheet HTML 17Page - Linear Technology LTC2414IGN Datasheet HTML 18Page - Linear Technology LTC2414IGN Datasheet HTML 19Page - Linear Technology LTC2414IGN Datasheet HTML 20Page - Linear Technology LTC2414IGN Datasheet HTML 21Page - Linear Technology LTC2414IGN Datasheet HTML 22Page - Linear Technology LTC2414IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
LTC2414/LTC2418
19
241418fa
Table 6. LTC2414/LTC2418 Interface Timing Modes
Conversion
Data
Connection
SCK
Cycle
Output
and
Configuration
Source
Control
Control
Waveforms
External SCK, Single Cycle Conversion
External
CS and SCK
CS and SCK
Figures 5, 6
External SCK, 3-Wire I/O
External
SCK
SCK
Figure 7
Internal SCK, Single Cycle Conversion
Internal
CS
↓
CS
↓
Figures 8, 9
Internal SCK, 3-Wire I/O, Continuous Conversion
Internal
Continuous
Internal
Figure 10
last input bit A0 of SDI by the time CS pulled HIGH, the
address information is discarded and the previous
address is kept.
Finally, CS can be used to control the free-running modes
of operation, see Serial Interface Timing Modes section.
Grounding CS will force the ADC to continuously convert
at the maximum output rate selected by FO.
SERIAL INTERFACE TIMING MODES
The LTC2414/LTC2418’s 4-wire interface is SPI and
MICROWIRE compatible. This interface offers several
flexible modes of operation. These include internal/exter-
nal serial clock, 3- or 4-wire I/O, single cycle conversion.
The following sections describe each of these serial inter-
face timing modes in detail. In all these cases, the con-
verter can use the internal oscillator (FO = LOW or FO =
HIGH) or an external oscillator connected to the FO pin.
Refer to Table 6 for a summary.
External Serial Clock, Single Cycle Operation
(SPI/MICROWIRE Compatible)
This timing mode uses an external serial clock to shift out
the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 5.
APPLICATIO S I FOR ATIO
Figure 5. External Serial Clock, Single Cycle Operation
EOC
BIT 31
SDO
SCK
(EXTERNAL)
CS
(1)
(0)
EN
SGL
A2
A1
A0
ODD/
SIGN
SDI
DON’T CARE
TEST EOC
PARITY
MSB
SIG
BIT 0
LSB
BIT 6
BIT 27
BIT 26
BIT 25
BIT 24
BIT 28
BIT 29
BIT 30
SLEEP
SLEEP
DATA OUTPUT
CONVERSION
241418 F05
CONVERSION
Hi-Z
Hi-Z
Hi-Z
TEST EOC
VCC
FO
REF+
REF–
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
919
11
12
21
28
1
8
10
18
17
15
16
20
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
= 50Hz REJECTION
= EXTERNAL OSCILLATOR
= 60Hz REJECTION
VCC
1
µF
2.7V TO 5.5V
LTC2414/
LTC2418
4-WIRE
SPI INTERFACE
•
•
•
•
•
•
•
•
•
•
•
•
DON’T CARE
TEST EOC
(OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com