Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2414IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2414IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC2414IGN Datasheet HTML 1Page - Linear Technology LTC2414IGN Datasheet HTML 2Page - Linear Technology LTC2414IGN Datasheet HTML 3Page - Linear Technology LTC2414IGN Datasheet HTML 4Page - Linear Technology LTC2414IGN Datasheet HTML 5Page - Linear Technology LTC2414IGN Datasheet HTML 6Page - Linear Technology LTC2414IGN Datasheet HTML 7Page - Linear Technology LTC2414IGN Datasheet HTML 8Page - Linear Technology LTC2414IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
LTC2414/LTC2418
3
241418fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common Mode Rejection DC
2.5V
≤ REF+ ≤ VCC, REF– = GND,
●
130
140
dB
GND
≤ IN– = IN+ ≤ 5V (Note 5)
Input Common Mode Rejection
2.5V
≤ REF+ ≤ VCC, REF– = GND,
●
140
dB
60Hz
±2%
GND
≤ IN– = IN+ ≤ 5V (Notes 5, 7)
Input Common Mode Rejection
2.5V
≤ REF+ ≤ VCC, REF– = GND,
●
140
dB
50Hz
±2%
GND
≤ IN– = IN+ ≤ 5V (Notes 5, 8)
Input Normal Mode Rejection
(Notes 5, 7)
●
110
140
dB
60Hz
±2%
Input Normal Mode Rejection
(Notes 5, 8)
●
110
140
dB
50Hz
±2%
Reference Common Mode
2.5V
≤ REF+ ≤ VCC, GND ≤ REF– ≤ 2.5V,
●
130
140
dB
Rejection DC
VREF = 2.5V, IN
– = IN+ = GND (Note 5)
Power Supply Rejection, DC
REF+ = 2.5V, REF– = GND, IN– = IN+ = GND
110
dB
Power Supply Rejection, 60Hz
±2% REF+ = 2.5V, REF– = GND, IN– = IN+ = GND (Note 7)
120
dB
Power Supply Rejection, 50Hz
±2% REF+ = 2.5V, REF– = GND, IN– = IN+ = GND (Note 8)
120
dB
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
CO VERTER CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1V
≤ VREF ≤ VCC, –0.5 • VREF ≤ VIN ≤ 0.5 • VREF (Note 5)
●
24
Bits
Integral Nonlinearity
4.5V
≤ VCC ≤ 5.5V, REF+ = 2.5V, REF– = GND, VINCM = 1.25V (Note 6)
1
ppm of VREF
5V
≤ VCC ≤ 5.5V, REF+ = 5V, REF– = GND, VINCM = 2.5V (Note 6)
●
2
14
ppm of VREF
REF+ = 2.5V, REF– = GND, VINCM = 1.25V (Note 6)
5
ppm of VREF
Offset Error
2.5V
≤ REF+ ≤ VCC, REF– = GND,
●
2.5
10
µV
GND
≤ IN+ = IN– ≤ VCC (Note 14)
Offset Error Drift
2.5V
≤ REF+ ≤ VCC, REF– = GND,
20
nV/
°C
GND
≤ IN+ = IN– ≤ VCC
Positive Full-Scale Error
2.5V
≤ REF+ ≤ VCC, REF– = GND,
●
2.5
12
ppm of VREF
IN+ = 0.75 • REF+, IN– = 0.25 • REF+
Positive Full-Scale Error Drift
2.5V
≤ REF+ ≤ VCC, REF– = GND,
0.03
ppm of VREF/°C
IN+ = 0.75 • REF+, IN– = 0.25 • REF+
Negative Full-Scale Error
2.5V
≤ REF+ ≤ VCC, REF– = GND,
●
2.5
12
ppm of VREF
IN+ = 0.25 • REF+, IN– = 0.75 • REF+
Negative Full-Scale Error Drift
2.5V
≤ REF+ ≤ VCC, REF– = GND,
0.03
ppm of VREF/°C
IN+ = 0.25 • REF+, IN– = 0.75 • REF+
Total Unadjusted Error
4.5V
≤ VCC ≤ 5.5V, REF+ = 2.5V, REF– = GND, VINCM = 1.25V
3
ppm of VREF
5V
≤ VCC ≤ 5.5V, REF+ = 5V, REF– = GND, VINCM = 2.5V
3
ppm of VREF
REF+ = 2.5V, REF– = GND, VINCM = 1.25V
6
ppm of VREF
Output Noise
5V
≤ VCC ≤ 5.5V, REF+ = 5V, VREF– = GND,
1
µVRMS
GND
≤ IN– = IN+ ≤ 5V (Note 13)
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com