Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2414IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2414IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC2414IGN Datasheet HTML 1Page - Linear Technology LTC2414IGN Datasheet HTML 2Page - Linear Technology LTC2414IGN Datasheet HTML 3Page - Linear Technology LTC2414IGN Datasheet HTML 4Page - Linear Technology LTC2414IGN Datasheet HTML 5Page - Linear Technology LTC2414IGN Datasheet HTML 6Page - Linear Technology LTC2414IGN Datasheet HTML 7Page - Linear Technology LTC2414IGN Datasheet HTML 8Page - Linear Technology LTC2414IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
LTC2414/LTC2418
4
241418fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
●
GND – 0.3
VCC + 0.3
V
IN–
Absolute/Common Mode IN– Voltage
●
GND – 0.3
VCC + 0.3
V
VIN
Input Differential Voltage Range
●
–VREF/2
VREF/2
V
(IN+ – IN–)
REF+
Absolute/Common Mode REF+ Voltage
●
0.1
VCC
V
REF–
Absolute/Common Mode REF– Voltage
●
GND
VCC – 0.1
V
VREF
Reference Differential Voltage Range
●
0.1
VCC
V
(REF+ – REF–)
CS (IN+)IN+ Sampling Capacitance
18
pF
CS (IN
–)IN– Sampling Capacitance
18
pF
CS (REF
+)REF+ Sampling Capacitance
18
pF
CS (REF
–)REF– Sampling Capacitance
18
pF
IDC_LEAK (IN+)IN+ DC Leakage Current
CS = VCC = 5.5V, IN+ = GND
●
–10
1
10
nA
IDC_LEAK (IN–)IN– DC Leakage Current
CS = VCC = 5.5V, IN– = 5V
●
–10
1
10
nA
IDC_LEAK (REF+)REF+ DC Leakage Current
CS = VCC = 5.5V, REF+ = 5V
●
–10
1
10
nA
IDC_LEAK (REF–)REF– DC Leakage Current
CS = VCC = 5.5V, REF– = GND
●
–10
1
10
nA
Off Channel to In Channel Isolation
DC
140
dB
(RIN = 100Ω)
1Hz
140
dB
fS = 15,3600Hz
140
dB
tOPEN
MUX Break-Before-Make Interval
2.7V
≤ VCC ≤ 5.5V
70
100
300
ns
IS(OFF)
Channel Off Leakage Current
Channel at VCC and GND
●
–10
1
10
nA
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
A ALOG I PUT A D REFERE CE
The
● denotes specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
2.7V
≤ VCC ≤ 5.5V
●
2.5
V
CS, FO, SDI
2.7V
≤ VCC ≤ 3.3V
2.0
V
VIL
Low Level Input Voltage
4.5V
≤ VCC ≤ 5.5V
●
0.8
V
CS, FO, SDI
2.7V
≤ VCC ≤ 5.5V
0.6
V
VIH
High Level Input Voltage
2.7V
≤ VCC ≤ 5.5V (Note 9)
●
2.5
V
SCK
2.7V
≤ VCC ≤ 3.3V (Note 9)
2.0
V
VIL
Low Level Input Voltage
4.5V
≤ VCC ≤ 5.5V (Note 9)
●
0.8
V
SCK
2.7V
≤ VCC ≤ 5.5V (Note 9)
0.6
V
IIN
Digital Input Current
0V
≤ VIN ≤ VCC
●
–10
10
µA
CS, FO, SDI
IIN
Digital Input Current
0V
≤ VIN ≤ VCC (Note 9)
●
–10
10
µA
SCK
CIN
Digital Input Capacitance
10
pF
CS, FO, SDI
CIN
Digital Input Capacitance
(Note 9)
10
pF
SCK
VOH
High Level Output Voltage
IO = – 800µA
●
VCC – 0.5
V
SDO
DIGITAL I PUTS A D DIGITAL OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com