Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2414IGN Datasheet(PDF) 41 Page - Linear Technology

Part # LTC2414IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414IGN Datasheet(HTML) 41 Page - Linear Technology

Back Button LTC2414IGN Datasheet HTML 37Page - Linear Technology LTC2414IGN Datasheet HTML 38Page - Linear Technology LTC2414IGN Datasheet HTML 39Page - Linear Technology LTC2414IGN Datasheet HTML 40Page - Linear Technology LTC2414IGN Datasheet HTML 41Page - Linear Technology LTC2414IGN Datasheet HTML 42Page - Linear Technology LTC2414IGN Datasheet HTML 43Page - Linear Technology LTC2414IGN Datasheet HTML 44Page - Linear Technology LTC2414IGN Datasheet HTML 45Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
LTC2414/LTC2418
41
241418fa
MULTIPLE CHANNEL USAGE
The LTC2414/LTC2418 have up to sixteen input channels
and this feature provides a very flexible and efficient
solution in applications where more than one variable
need to be measured.
Measurements of a Ladder of Sensors
In industrial process, it is likely that a large group of real
world phenomena need to be monitored where the speed
is not critical. One example is the cracking towers in
petroleum refineries where a group of temperature mea-
surements need to be taken and related. This is done by
passing an excitation current through a ladder of RTDs.
The configuration using a single LTC2418 to monitor up to
eight RTDs in differential mode is shown in Figure 48. A
high accuracy R1 is used to set the excitation current and
the reference voltage. A larger value of 25k is selected to
C1
0.1
µF
15V
3
1
2
3
2
1
6
5
4
–
+
REF+
REF–
CH0
CH1
GND
VCC
11
12
21
22
15
2410 F53
9
LTC2414/
LTC2418
LT1236-5
RN1
10k
22
Ω
10V
350
Ω BRIDGE
TWO ELEMENTS
VARYING
RN1
10k
Q1
2N3904
1/2
LT1112
C2
0.1
µF
15V
–5V
–15V
–15V
6
7
5
8
7
+
–
RN1
10k
RN1 IS CADDOCK T914 10K-010-02
Q2, Q3
2N3906
×2
1/2
LT1112
RN1
10k
33
Ω
×2
C3
47
µF
C1
0.1
µF
5V
5V
8
4
20
Ω
20
Ω
+
Figure 47. Use Resistor Arrays to Provide Precise Matching in Excitation Amplifier
reduce the self-heating effects. R1 can also be broken into
two resistors, one 25k to set the excitation current and the
other a high accuracy 1k resistor to set the reference
voltage, assuming 100
Ω platinum RTDs. This results in a
reduced reference voltage and a reduced common mode
difference between the reference and the input signal,
which improves the conversion linearity and reduces total
error.
Each input should be taken close to the related RTD to
minimize the error caused by parasitic wire resistance.
The interference on a signal transmission line from RTD to
the LTC2418 is rejected due to the excellent common
mode rejection and the digital LPF included in the LTC2418.
It should be noted that the input source resistance of CHO
can have a maximum value of 800
Ω • 8 = 6.4k, so the
parasitic capacitance and resistance of the connection
wires need to be minimized in order not to degrade the
converter performance.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com