Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST4E1216
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216 Datasheet(HTML) 5 Page - STMicroelectronics

  ST4E1216 Datasheet HTML 1Page - STMicroelectronics ST4E1216 Datasheet HTML 2Page - STMicroelectronics ST4E1216 Datasheet HTML 3Page - STMicroelectronics ST4E1216 Datasheet HTML 4Page - STMicroelectronics ST4E1216 Datasheet HTML 5Page - STMicroelectronics ST4E1216 Datasheet HTML 6Page - STMicroelectronics ST4E1216 Datasheet HTML 7Page - STMicroelectronics ST4E1216 Datasheet HTML 8Page - STMicroelectronics ST4E1216 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Table 7. Receiver: operating conditions (VCC = +3.0 V to 5.5 V, TA = Tmin to Tmax, unless otherwise specified. Typical
values are at VCC = 5 V and T = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Receiver/DC
VTH+
Positive-going input threshold
voltage
-7 V ≤ VCM ≤ 12 V
-100
-10
mV
VTH-
Negative-going input threshold
voltage
-7 V ≤ VCM ≤ 12 V
-200
-130
VHYS
Receivers differential input voltage
hysteresis
30
VOH
Receivers high-level output voltage
RE = GND, IOH = - 2 mA,
(VA-VB) > 200 mV
VCC-0.2
V
VOL
Receivers low-level output voltage
RE = GND, IOL = 2 mA,
(VA-VB) < -200 mV
0.2
IOZ
Receivers output high-impedance
current
0 ≤ VR ≤ VCC, RE = VCC
-1
1
µA
IOS
Receivers outputs short-circuit
current
0 ≤ VR ≤ VCC
-90
90
mA
Rin
Receivers input impedance
-7 V ≤ Vincm ≤ +12 V
24 (1)
kΩ
Ii
Receivers input current
DE = GND, VCC = GND or +5.5 V
VI = 12 V
140
250
µA
VI = -7 V
-250
-120
Receiver/switching characteristics
tr, tf
Receivers output rise/fall time
CL = 15 pF
0.5
3
7.5
ns
tPHL, tPLH
Receivers propagation delay time
12
20
25
ns
tSK(P)
Receivers pulse skew, |tPHL – tPLH|,
ΔVin = 1.5 V
2
ns
tPLZ
Receivers disable time, from low
CL = 15 pF with 1 kΩ
5
20
ns
tPHZ
Receivers disable time, from high
CL = 15 pF with 1 kΩ
5
30
ns
tPZH
Receivers enable time to output
high
Driver enabled CL = 15 pF
with 1 kΩ
8
30
ns
tPZL
Receivers enable time to output low
Driver enabled CL = 15 pF
with 1 kΩ
5
20
ns
tPZH(shdn)
Receivers enable time from
shutdown to output high
Driver disabled CL = 15 pF
with 1 kΩ
5
30
ns
tPZL(shdn)
Receivers enable time from
shutdown to output low
Driver disabled CL = 15 pF
with 1 kΩ
8
20
ns
1. Guaranteed by design simulation in temperature.
ST4E1216, ST4E1240
Electrical characteristics
DS14542 - Rev 2
page 5/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com