Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST4E1216
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST4E1216 Datasheet HTML 2Page - STMicroelectronics ST4E1216 Datasheet HTML 3Page - STMicroelectronics ST4E1216 Datasheet HTML 4Page - STMicroelectronics ST4E1216 Datasheet HTML 5Page - STMicroelectronics ST4E1216 Datasheet HTML 6Page - STMicroelectronics ST4E1216 Datasheet HTML 7Page - STMicroelectronics ST4E1216 Datasheet HTML 8Page - STMicroelectronics ST4E1216 Datasheet HTML 9Page - STMicroelectronics ST4E1216 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Table 8. Driver: operating conditions (VCC = +3.0 V to 5.5 V, TA = Tmin to Tmax, unless otherwise specified. Typical
values are at VCC = 5 V and T = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC driver/DC
|VOD|
Driver differential output voltage
magnitude
RL = 60 Ω/375 Ω (Figure 2),
VCC ≥ 4.5 V
-7 V ≤ VCM ≤ +12 V
2.1
V
RL = 60 Ω/375 Ω (Figure 2)
-7 V ≤ VCM ≤ +12 V
1.5
3.5
RL = 54 Ω (Figure 3)
1.5
Δ|VOD|
Change in magnitude of driver
differential output voltage
RL = 54 Ω, CL = 50 pF
-50
+50
mV
VOC(SS)
Steady-state common-mode output
voltage
Center of two 27 Ω load
resistors
1
2.7
3 (1)
V
ΔVOC
Change in differential driver output
common-mode voltage
-0.12
-0.02
0.12
V
VOC(PP)
Peak-to-peak driver common-mode
output voltage
0.9
VOH
Single-ended driver output High
A or B output, IA or IB = -20
mA
VCC-0.4
V
VOL
Single-ended driver output Low
A or B output, IA or IB = 20
mA
0.95
V
Driver/switching characteristics
tr, tf
Driver differential output rise/fall
time
RL = 54 Ω, CL = 50 pF
0.5
5
7.5
ns
tPHL, tPLH
Driver propagation delay
4
8
20
tSK(P)
Driver pulse skew, |tPHL–tPLH|
3
tPLZ, tPHZ
Driver disable time
11
20
tPZL, tPZH
Driver enable time
Receiver enabled
7
20
Receiver disabled
7
20
1. For VCC = 5.5 V and T < 0 °C, VOC(SS) max = 3.15 V.
Table 9. Input logic interface (D, DE, RE): (VCC = +3.0 V to 5.5 V, TA = Tmin to Tmax, unless otherwise specified. Typical
values are at VCC = 5 V and T = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
0
0.8
V
IIn
Input current
3 V ≤ VCC ≤ 5.5 V, Vin = 0 or
VCC
-5
5
µA
Input impedance on first transition
(DE, RE)
6
kΩ
ST4E1216, ST4E1240
Electrical characteristics
DS14542 - Rev 2
page 6/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com