Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST4E1216
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216 Datasheet(HTML) 4 Page - STMicroelectronics

  ST4E1216 Datasheet HTML 1Page - STMicroelectronics ST4E1216 Datasheet HTML 2Page - STMicroelectronics ST4E1216 Datasheet HTML 3Page - STMicroelectronics ST4E1216 Datasheet HTML 4Page - STMicroelectronics ST4E1216 Datasheet HTML 5Page - STMicroelectronics ST4E1216 Datasheet HTML 6Page - STMicroelectronics ST4E1216 Datasheet HTML 7Page - STMicroelectronics ST4E1216 Datasheet HTML 8Page - STMicroelectronics ST4E1216 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
3
Electrical characteristics
Table 4. Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Device supply voltage
3
5.5
V
VI
Input level at any bus terminal (separated or common-mode)
-7
12
V
VID
Differential input voltage
-7
12
V
IO
Output current/driver
-70
70
mA
Output current/receiver
-70
70
RL
Differential load resistance
54
60
Ω
CL
Differential load capacitance
50
pF
DR
Signaling rate for ST4E1216
16
Mbps
Signaling rate for ST4E1240
40
TA
Operating free-air temperature for ST4E1216
-40
125
°C
Operating free-air temperature for ST4E1240
-40
85
Operation is specified for internal (junction temperature) up to 150 °C. Self-heating due to internal power
dissipation should be considered for each application. Maximum junction temperature is internally limited by the
thermal shutdown circuit, which disables the driver outputs when the junction temperature reaches 165 °C.
Table 5. Thermal information
Symbol
Parameter
Min.
Typ.
Max.
Unit
Rth-ja
Thermal resistance, junction-to-ambient
125
°C/W
Table 6. Power dissipation
Symbol
Parameter
Test conditions
Typ.
Unit
PD
ST4E1240 power dissipation, with
driver and receiver enabled
VCC = 5.5 V, T = 85 °C, 50% duty
cycle at 40 Mbps signaling rate
Unterminated, RL = 300 Ω, CL = 50 pF
310
mW
RS485-load: RL = 54 Ω, CL = 50 pF
370
mW
ST4E1216 power dissipation, with
driver and receiver enabled
VCC = 5.5 V, T = 125 °C, 50% duty
cycle at 16 Mbps signaling rate
Unterminated, RL = 300 Ω, CL = 50 pF
140
mW
RS485-load: RL = 54 Ω, CL = 50 pF
220
mW
ST4E1216, ST4E1240
Electrical characteristics
DS14542 - Rev 2
page 4/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com