Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST4E1216
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST4E1216 Datasheet HTML 19Page - STMicroelectronics ST4E1216 Datasheet HTML 20Page - STMicroelectronics ST4E1216 Datasheet HTML 21Page - STMicroelectronics ST4E1216 Datasheet HTML 22Page - STMicroelectronics ST4E1216 Datasheet HTML 23Page - STMicroelectronics ST4E1216 Datasheet HTML 24Page - STMicroelectronics ST4E1216 Datasheet HTML 25Page - STMicroelectronics ST4E1216 Datasheet HTML 26Page - STMicroelectronics ST4E1216 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Figure 47. HBM JEDEC (left) and IEC61000-4-2 (right) pulses
The IEC61000-4-2 standard is more severe than the HBM ESD test and significantly increases the robustness of
the equipment. IEC61000-4-2 8 kV protections are commonly implemented.
The ST4E1216 and ST4E1240 furthermore increase the robustness of systems thanks to the dedicated
IEC61000-4-2 12 kV protections on bus terminals A and B. There are two methods of ESD testing: contact
discharge and air discharge. In the contact discharge method, the electrode of the test generator is held in contact
with an exposed conductor on the equipment under test (EUT). In the air discharge, the electrode of the generator
is moved from a distance towards the EUT until an arc occurs. The contact discharge offers the best
reproducibility and is chosen to be the test method for IEC61000-4-2.
The ST4E1216 and ST4E1240 comply with IEC61000-4-2 12 kV contact discharge.
ST4E1216, ST4E1240
Detailed description
DS14542 - Rev 2
page 23/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com