Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST4E1216
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST4E1216 Datasheet HTML 23Page - STMicroelectronics ST4E1216 Datasheet HTML 24Page - STMicroelectronics ST4E1216 Datasheet HTML 25Page - STMicroelectronics ST4E1216 Datasheet HTML 26Page - STMicroelectronics ST4E1216 Datasheet HTML 27Page - STMicroelectronics ST4E1216 Datasheet HTML 28Page - STMicroelectronics ST4E1216 Datasheet HTML 29Page - STMicroelectronics ST4E1216 Datasheet HTML 30Page - STMicroelectronics ST4E1216 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
List of tables
Table 1.
Pin description...................................................................... 2
Table 2.
Absolute maximum ratings ............................................................. 3
Table 3.
ESD ratings........................................................................ 3
Table 4.
Operating conditions ................................................................. 4
Table 5.
Thermal information .................................................................. 4
Table 6.
Power dissipation.................................................................... 4
Table 7.
Receiver: operating conditions (VCC = +3.0 V to 5.5 V, TA = Tmin to Tmax, unless otherwise specified. Typical
values are at VCC = 5 V and T = 25 °C)..................................................... 5
Table 8.
Driver: operating conditions (VCC = +3.0 V to 5.5 V, TA = Tmin to Tmax, unless otherwise specified. Typical values
are at VCC = 5 V and T = 25 °C).......................................................... 6
Table 9.
Input logic interface (D, DE, RE): (VCC = +3.0 V to 5.5 V, TA = Tmin to Tmax, unless otherwise specified. Typical
values are at VCC = 5 V and T = 25 °C)..................................................... 6
Table 10.
Supply current and protections: (VCC= +3.0 V to 5.5 V, TA = Tmin to Tmax, unless otherwise specified. Typical
values are at VCC = 5 V and T = 25 °C)..................................................... 7
Table 11.
Driver truth table ................................................................... 20
Table 12.
Receiver truth table ................................................................. 21
Table 13.
SO8 package mechanical data ......................................................... 24
Table 14.
Order code ....................................................................... 26
Table 15.
Document revision history ............................................................. 27
ST4E1216, ST4E1240
List of tables
DS14542 - Rev 2
page 29/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com