Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST4E1216
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST4E1216 Datasheet HTML 16Page - STMicroelectronics ST4E1216 Datasheet HTML 17Page - STMicroelectronics ST4E1216 Datasheet HTML 18Page - STMicroelectronics ST4E1216 Datasheet HTML 19Page - STMicroelectronics ST4E1216 Datasheet HTML 20Page - STMicroelectronics ST4E1216 Datasheet HTML 21Page - STMicroelectronics ST4E1216 Datasheet HTML 22Page - STMicroelectronics ST4E1216 Datasheet HTML 23Page - STMicroelectronics ST4E1216 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
6
Detailed description
The ST4E1216 and ST4E1240 are a half-duplex differential RS-485 transceiver, suitable for data transmission up
to 40 Mbps. The devices support 64 bus nodes minimum. The receiver and driver are activated through the
dedicated pins DE and RE. Its functional block diagram is shown below.
Figure 44. Block diagram
Device functional modes
The various functional modes of the ST4E1216 and ST4E1240 are detailed in the following function tables.
When the driver enable pin DE is high, the driver is enabled. The differential signal VOD = VA - VB follows the logic
state of the signal present on input D, that is VOD is positive if D is high, VOD is negative when D is low.
When DE logic is low, A and B are set to high impedance, the driver is disabled, and the D signal does not impact
the outputs. The DE pin has an internal pull-down resistor to the ground, which disables the driver by default if left
open.
The D pin has an internal pull-up resistor to VCC, thus when left open while the driver is enabled, output A is high
and B low by default.
Table 11. Driver truth table
INPUT D
ENABLE DE
OUTPUT A
OUTPUT B
Function
H
H
H
L
Actively drive bus high
L
H
L
H
Actively drive bus low
X
L
Z
Z
Driver disabled
X
Open
Z
Z
Driver disabled by default
Open
H
H
L
Actively drive bus high by default
When the receiver enable pin RE is logic low, the receiver is enabled. When the differential input voltage VID =
VA-VB is higher than the positive input threshold VTH+, the receiver output R turns high. When VID is below the
negative threshold VTH-, the output R turns low. And when VID is in-between both threshold voltages, R is
indeterminate.
If RE is logic high, R is high impedance and the VID polarity and voltage do not impact it. The RE pin has an
internal pull-up resistor, thus when left open, the receiver output is disabled by default.
The ST4E1216 and ST4E1240 architecture turns receiver output in a fail-safe high state when the transceiver is
disconnected from the bus (open), the bus lines A, B are shorted together (short), or the bus is not actively driven
(idle).
ST4E1216, ST4E1240
Detailed description
DS14542 - Rev 2
page 20/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com