Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST4E1216
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST4E1216 Datasheet HTML 18Page - STMicroelectronics ST4E1216 Datasheet HTML 19Page - STMicroelectronics ST4E1216 Datasheet HTML 20Page - STMicroelectronics ST4E1216 Datasheet HTML 21Page - STMicroelectronics ST4E1216 Datasheet HTML 22Page - STMicroelectronics ST4E1216 Datasheet HTML 23Page - STMicroelectronics ST4E1216 Datasheet HTML 24Page - STMicroelectronics ST4E1216 Datasheet HTML 25Page - STMicroelectronics ST4E1216 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Figure 45. Hot-swap management with DE rising high before and after VCC
Electrostatic discharge (ESD) protection
The ST4E1216 and ST4E1240 have internal protection against electrostatic discharge (ESD).
At circuit level, the ST4E1216 and ST4E1240 they comply with the human body model (ANSI/ESDA/JEDEC
JS-001) to guarantee robustness during the manufacturing process. All the pins of the ST4E1216 and ST4E1240
sustain 2 kV.
Because these transceivers are part of a system and can be connected to its outside through the bus terminals A
and B, an ESD protection is implemented on A and B to comply with IEC 61000-4-2 standard.
The schematic below compares the simplified pulse generator between the circuit-level ESD pulse and the
system-level ESD pulse.
Figure 46. HBM JEDEC (left) and IEC61000-4-2 (right) generator simplified schematics
For an equivalent ESD pulse voltage, the peak current and rise time of the pulse is much higher for the
IEC61000-4-2 than for the HBM. This can be shown by the pulse’s diagrams below, for 8 kV and 12 kV
respectively.
ST4E1216, ST4E1240
Detailed description
DS14542 - Rev 2
page 22/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com