Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST4E1216
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST4E1216 Datasheet HTML 6Page - STMicroelectronics ST4E1216 Datasheet HTML 7Page - STMicroelectronics ST4E1216 Datasheet HTML 8Page - STMicroelectronics ST4E1216 Datasheet HTML 9Page - STMicroelectronics ST4E1216 Datasheet HTML 10Page - STMicroelectronics ST4E1216 Datasheet HTML 11Page - STMicroelectronics ST4E1216 Datasheet HTML 12Page - STMicroelectronics ST4E1216 Datasheet HTML 13Page - STMicroelectronics ST4E1216 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Figure 8. Receiver enable/disable times with driver enabled
Figure 9. Receiver enable/disable times with driver disabled
Figure 10. Short-circuit output current measurement
When one of the driver outputs is shorted to a voltage source (named VSHORT) between -7 V to +12 V stabilized,
the current does not exceed 250 mA and the driver is protected.
ST4E1216, ST4E1240
Test circuits
DS14542 - Rev 2
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com