Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST4E1216
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216 Datasheet(HTML) 1 Page - STMicroelectronics

  ST4E1216 Datasheet HTML 1Page - STMicroelectronics ST4E1216 Datasheet HTML 2Page - STMicroelectronics ST4E1216 Datasheet HTML 3Page - STMicroelectronics ST4E1216 Datasheet HTML 4Page - STMicroelectronics ST4E1216 Datasheet HTML 5Page - STMicroelectronics ST4E1216 Datasheet HTML 6Page - STMicroelectronics ST4E1216 Datasheet HTML 7Page - STMicroelectronics ST4E1216 Datasheet HTML 8Page - STMicroelectronics ST4E1216 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Features
•
Meets or exceeds TIA/EIA-485A standard requirements
•
3 V to 5.5 V supply voltage
•
Differential output voltage (VOD) exceeds 2.1 V at 5 V supply for PROFIBUS
compatibility
•
High speed: up to 40 Mbps data rate
•
More than 64 transceivers on the bus (up to 100 nodes)
•
Integrated protections
–
Fail-safe receiver (bus open, idle, and shorted)
–
Thermal shutdown protection
–
Hot-swap capability (with parasitic capacitance up to 100 pF)
–
Bus I/O ESD protection
◦
±12 kV IEC61000-4-2 contact discharge
◦
≥ ±8 kV HBM ESD
◦
±4 kV IEC61000-4-4 class-A fast transient burst (EFT)
•
Low quiescent current in shutdown mode
•
Available in industry standard SO-8
Applications
•
Factory automation and control
•
Motion controllers
•
Building automation and safety
•
Video surveillance (building, traffic monitoring)
•
Backplane busses
•
Grid infrastructure
•
Data acquisition (smart meters, seismic networks)
Description
The ST4E1216 and ST4E1240 are low-power differential line transceivers for data
transmission standard RS485 applications in half-duplex mode, compatible with
either 3.3 V or 5 V rail power supplies, fully operating from 3 V to 5.5 V.
The ST4E1216 and the ST4E1240 operate respectively up to 16 Mbps and 40 Mbps.
They are ideal for multipoint applications over extended cable runs. They are robust
to ESD transients. In particular, the bus pins support ±12 kV IEC 61000-4-2 contact
discharge. They also feature robust hot-swap capability during switching on and off,
or during hot insertion.
The ST4E1216 and ST4E1240 are available in the standard SO-8 package and
operate respectively with a -40 °C to 125 °C and -40 °C to 85 °C temperature range.
Maturity status link
ST4E1216, ST4E1240
Device summary
Part number
ST4E1240DT
40
SO8
-40°C; 85°C
ST4E1216IDT 16
-40°C; 125°C
High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact
ESD protection
ST4E1216, ST4E1240
Datasheet
DS14542 - Rev 2 - February 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST4E1216

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST4ETA202 VISHAY-ST4ETA202 Datasheet
170Kb / 8P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
More results

Similar Description - ST4E1216

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4060CX16 NXP-IP4060CX16 Datasheet
66Kb / 10P
High-speed MultiMediaCard interface filter with ESD protection to IEC 61000-4-2 level 4
Rev. 01-14 May 2009
PRTR5V0U6AS NXP-PRTR5V0U6AS Datasheet
57Kb / 7P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01-18 February 2008
logo
Texas Instruments
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
logo
AMAZING Microelectronic...
AZKN1040T AMAZING-AZKN1040T Datasheet
1Mb / 13P
짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
AZKN1044T AMAZING-AZKN1044T Datasheet
1Mb / 13P
짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹15kV ESD Protection
Revision 2021/12/3
logo
Nexperia B.V. All right...
PRTR5V0U6AS NEXPERIA-PRTR5V0U6AS Datasheet
172Kb / 8P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01 - 18 February 2008
logo
Texas Instruments
THVD1330 TI-THVD1330 Datasheet
1Mb / 26P
THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com