Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST4E1216
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216 Datasheet(HTML) 3 Page - STMicroelectronics

  ST4E1216 Datasheet HTML 1Page - STMicroelectronics ST4E1216 Datasheet HTML 2Page - STMicroelectronics ST4E1216 Datasheet HTML 3Page - STMicroelectronics ST4E1216 Datasheet HTML 4Page - STMicroelectronics ST4E1216 Datasheet HTML 5Page - STMicroelectronics ST4E1216 Datasheet HTML 6Page - STMicroelectronics ST4E1216 Datasheet HTML 7Page - STMicroelectronics ST4E1216 Datasheet HTML 8Page - STMicroelectronics ST4E1216 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
VCC
Device supply voltage
-0.5
7
V
Voltage range at A or B inputs
-9
14
V
Input voltage range at any logic pin (referred to an operating VCC)
-0.3
VCC+0.3
V
Short-circuit duration (R, A, B) to GND
Continuous
Tstg
Storage temperature
-65
150
°C
Note:
All voltage values, except the differential voltage, are with respect to network ground terminal.
Table 3. ESD ratings
Symbol
Parameter
Value
Unit
ESD
IEC61000-4-2 ESD (contact discharge), bus terminals A, B
± 12
kV
IEC61000-4-4 EFT (fast transient or burst) bus terminals A, B
± 4 (class A)
kV
HBM, bus terminals A, B
≥ ± 8 (1)
kV
JEDEC standard 22, test method A114, HBM (Human Body Model), all other
terminals
± 2
kV
JEDEC standard 22, test method C101, CDM (Charged Device Model), all
pins
± 1
kV
1. Limited by industrial tester capability.
ST4E1216, ST4E1240
Absolute maximum ratings and operating conditions
DS14542 - Rev 2
page 3/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com