Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1216 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST4E1216
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1216 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST4E1216 Datasheet HTML 23Page - STMicroelectronics ST4E1216 Datasheet HTML 24Page - STMicroelectronics ST4E1216 Datasheet HTML 25Page - STMicroelectronics ST4E1216 Datasheet HTML 26Page - STMicroelectronics ST4E1216 Datasheet HTML 27Page - STMicroelectronics ST4E1216 Datasheet HTML 28Page - STMicroelectronics ST4E1216 Datasheet HTML 29Page - STMicroelectronics ST4E1216 Datasheet HTML 30Page - STMicroelectronics ST4E1216 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
List of figures
Figure 1.
Pin connections ................................................................... 2
Figure 2.
Driver differential output voltage with common-mode load ...................................... 8
Figure 3.
Driver differential and common-mode output with RS-485 load ................................... 8
Figure 4.
Driver differential output rise and fall times and propagation delays ................................ 8
Figure 5.
Driver enable and disable times with active high output and pull-down load .......................... 9
Figure 6.
Driver enable and disable times with active low output and pull-up load ............................. 9
Figure 7.
Receiver output rise and fall times and propagation delay ...................................... 9
Figure 8.
Receiver enable/disable times with driver enabled........................................... 10
Figure 9.
Receiver enable/disable times with driver disabled .......................................... 10
Figure 10.
Short-circuit output current measurement................................................. 10
Figure 11.
Typical half-duplex RS485 network ..................................................... 11
Figure 12.
Driver output voltage vs. driver output current @ VCC = 5 V .................................... 12
Figure 13.
Driver differential output voltage vs. driver output current @ VCC = 5 V ............................ 12
Figure 14.
Receiver output vs. input @ VCC = 5.5 V ................................................. 12
Figure 15.
Driver output voltage vs. driver output current @ VCC = 3.3 V ................................... 12
Figure 16.
Driver differential output voltage vs. driver output current @ VCC = 3.3 V ........................... 13
Figure 17.
Receiver output vs. input @ VCC = 3 V .................................................. 13
Figure 18.
Driver output current vs. power supply with RL=54Ω ......................................... 13
Figure 19.
Supply current vs. data rate .......................................................... 13
Figure 20.
Shutdown supply current vs. temperature, DE = GND, RE = VCC, @ VCC = 3.3 V and VCC = 5 V .......... 14
Figure 21.
No-load supply current vs. temperature, DE = GND, RE = GND, @ VCC = 3.3 V and VCC = 5 V ........... 14
Figure 22.
No-load supply current vs. temperature, DE = VCC, RE = VCC, @ VCC = 3.3 and VCC = 5 V .............. 14
Figure 23.
No-load supply current vs. temperature, DE = VCC, RE = GND, @ VCC = 3.3 V and VCC = 5 V ............ 14
Figure 24.
Differential driver output voltage vs. temperature............................................ 15
Figure 25.
Driver rise and fall times vs. temperature @ VCC = 5.5 V ...................................... 15
Figure 26.
Driver propagation delay vs. temperature @ VCC = 5.5 V ...................................... 15
Figure 27.
Driver rise and fall times vs. temperature @ VCC = 3 V ....................................... 15
Figure 28.
Driver propagation delay vs. temperature @ VCC = 3 V ....................................... 15
Figure 29.
Receiver propagation delay vs. temperature, with CL = 20 pF ................................... 15
Figure 30.
Eye diagram @ VCC = 5 V, data rate 40 Mbps, d=0.1m ....................................... 16
Figure 31.
Eye diagram @ VCC = 5 V, data rate 40 Mbps, d=3m......................................... 16
Figure 32.
Shutdown supply current vs. temperature, DE = GND, RE = VCC, @ VCC = 3.3 V and VCC = 5 V .......... 17
Figure 33.
No-load supply current vs. temperature, DE = GND, RE = GND, @ VCC = 3.3 V and VCC = 5 V ........... 17
Figure 34.
No-load supply current vs. temperature, DE = VCC, RE = VCC, @ VCC = 3.3 and VCC = 5 V .............. 17
Figure 35.
No-load supply current vs. temperature, DE = VCC, RE = GND, @ VCC = 3.3 V and VCC = 5 V ............ 17
Figure 36.
Differential driver output voltage vs. temperature............................................ 18
Figure 37.
Driver rise and fall times vs. temperature @ VCC = 5.5 V ...................................... 18
Figure 38.
Driver propagation delay vs. temperature @ VCC = 5.5 V ...................................... 18
Figure 39.
Driver rise and fall times vs. temperature @ VCC = 3 V ....................................... 18
Figure 40.
Driver propagation delay vs. temperature @ VCC = 3 V ....................................... 18
Figure 41.
Receiver propagation delay vs. temperature, with CL = 20 pF ................................... 18
Figure 42.
Eye diagram @ VCC = 5 V, data rate 16 Mbps, d=3m......................................... 19
Figure 43.
Eye diagram @ VCC = 5 V, data rate 16 Mbps, d=80m........................................ 19
Figure 44.
Block diagram ................................................................... 20
Figure 45.
Hot-swap management with DE rising high before and after VCC................................. 22
Figure 46.
HBM JEDEC (left) and IEC61000-4-2 (right) generator simplified schematics ........................ 22
Figure 47.
HBM JEDEC (left) and IEC61000-4-2 (right) pulses .......................................... 23
Figure 48.
SO8 package outline ............................................................... 24
Figure 49.
SO8 recommended footprint (mm) ..................................................... 25
ST4E1216, ST4E1240
List of figures
DS14542 - Rev 2
page 30/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com