Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3077ACRZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # LT3077ACRZ-R7
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3077ACRZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button LT3077ACRZ-R7 Datasheet HTML 22Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 23Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 24Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 25Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 26Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 27Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 28Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 29Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
26 of 38
REF – Voltage Reference
The REF pin is the voltage output of the internal current reference feeding into a resistor DAC. A 4.7µF REF capacitor
to GND decreases reference voltage noise, and soft starts OUT at enable. Soft-start time is determined by the value
of the REF capacitor used.
The REF pin must not be DC loaded by anything except for applications that parallel other LT3077 regulators for
higher output currents. See the Paralleling Devices for Higher Output Current section for further details.
Overdriving the REF Pin
The REF pin can be overdriven by an external source for applications that need to set the Output voltage to a value
other than those programmable using the VO0, VO1, and VO2 pins. The LT3077 uses a current source with a typical value
of 100µA into a resistor DAC. The resistor DAC and the current source are inversely related and may vary up to ±15%
such that the IR product is constant. This variation in the internal current and resistor needs to be accounted for
when externally driving the REF pin.
It is recommended that the VOX pin configuration be set to select a REF pin voltage lower than the required
overdriven REF voltage to ensure the fast start current is shut off when LT3077 regulates the output. As shown in
Figure 65, the REF can be overdriven directly by an external voltage source, or as shown in Figure 66, a voltage source
followed by a resistor-divider. In case where the REF pin is driven by an external voltage source followed by a resistor-
divider, the external voltage source can be a fixed voltage source or can be varied using a servo loop to achieve higher
accuracy.
When using an external voltage source with a resistor-divider, the resulting REF pin voltage can be calculated using
superposition principle as shown in the following equation:
������������������������ = ������������������������ × (
(������������������������||������������������������2)
(������������������������||������������������������2) + ������������������������1
) + ������������������������ × (������������������������||������������������������1||������������������������2)
Where IINT is the internal 100µA current reference, RINT is the nominal resistor value for the corresponding VOX setting,
REXT1 and REXT2 are the external resistors forming the resistor-divider and VEXT is the external voltage source overdriving
the REF pin.
Figure 65. REF Overdriven Directly by an External Voltage Source
51kΩ
2.2µF
4.7µF
RINT
IINT
VEXT
OUT
BIASF
LT3077
VO2
VO1
VO0
VBIAS
IN
EN
GND
SENSE
ILIM
POWER
GOOD
BIAS
PG
REF
VIN
47µF
22µF
806Ω
VOUT
0.5V TO 4.2V
10mA TO 3A
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com