Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3077ACRZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # LT3077ACRZ-R7
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3077ACRZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button LT3077ACRZ-R7 Datasheet HTML 27Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 28Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 29Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 30Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 31Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 32Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 33Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 34Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
31 of 38
For example, a 1kΩ resistor programs the current limit to 3A, and a 2kΩ resistor programs the current limit to 1.5A.
Kelvin connect this resistor to the LT3077’s GND pin for good accuracy.
As shown in the electrical characteristic table (Table 1), the ILIM pin sources current proportional (1:3000) to output
current; if the external current limit is not used, connect ILIM to GND, which sets the internal current limit to 4.5A.
Thermal Considerations
For higher ambient temperatures, care should be taken in the layout of the PCB to ensure good heat sinking of the
LT3077. The IN and OUT pins on the bottom of the package should be soldered to IN and OUT planes accordingly. In
addition, the IN and OUT must be connected to large copper layers below with thermal vias; these layers spread heat
dissipated by the LT3077. Placing additional vias can reduce thermal resistance further. The die temperature is
calculated by multiplying the LT3077 power dissipation by the thermal resistance from the junction to the ambient.
The internal overtemperature protection monitors the junction temperature of the LT3077. If the junction
temperature reaches approximately 168°C, the LT3077 output shuts down until the temperature drops about 7°C.
Calculating Junction Temperature
Example: Given an output voltage of 1.2V, input voltage of 1.5V, and BIAS voltage of 5V, output current ranges from
10mA to 3A, and a maximum ambient temperature of 50°C, what is the maximum junction temperature?
The LT3077’s power dissipation is:
������������������������(������������������) × (������������������ − ������������������������) + ������������������������ × ������������������������������
where:
������������������������(������������������) = 3������
������������������������������ = 5������
������������������������(������������ ������������������������ = 3������ ������������������ ������������������������������ = 5������) = 5������������
thus:
������������������������������ = 3������ × (1.5������ − 1.2������) + 5������������ × 5������ = 0.925������
When a 3mm x 3mm LFCSP-RT package is used, the thermal resistance is in the range of 41°C/W to 47°C/W. Note that
the θJA numbers vary beyond the 41°C/W to 47°C/W depending on board composition and layout. Considering a θJA
value of 44°C/W, the junction temperature rise above the ambient approximately equals:
0.925W × 44°C/W = 40.7°C
The maximum junction temperature equals the maximum ambient temperature plus the maximum junction
temperature rise above ambient:
������������������������������ = 50°������ + 40.7°������ = 90.7°������
Paralleling Devices for Higher Output Current
As shown in Figure 70, multiple LT3077s may be paralleled to obtain a higher output current. This paralleling concept
borrows from the scheme employed by the LT3080 product family.
To accomplish this paralleling, connect the IN and OUT pins of the multiple devices together. Also, connect the REF
pins of the multiple devices. This effectively gives an averaged value of multiple reference voltage sources. The OUT
of each LT3077 is connected to the common load using a small piece of PC trace as a ballast resistor (≅2mΩ) or an
actual sense resistor beyond the feedback SENSE tap of each regulator. The ballast resistor ensures output current
sharing. Keep this ballast trace area free of solder to maintain a controlled resistance.
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com