Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3077ACRZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # LT3077ACRZ-R7
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3077ACRZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button LT3077ACRZ-R7 Datasheet HTML 30Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 31Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 32Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 33Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 34Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 35Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 36Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 37Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
36 of 38
PART NUMBER
DESCRIPTION
COMMENTS
LT3072
Dual, Low Noise, 2.5A
Programmable Output, 80mV
Low Dropout Linear
Regulator
Dual, Independent 2.5A Outputs, Dropout Voltage: 80mV,
Low Output Noise: 12μVRMS (10Hz to 100kHz), Digitally
Programmable VOUT: 0.6V to 2.5V, Output Tolerance:
±1.25%/±1.5% Over-load, Line and Temperature, Analog
Output Margining: ±10% Range, 36-Lead 4mm × 7mm QFN
Package.
ADP1763
3A, Low VIN, Low Noise,
CMOS Linear Regulator
95mV Dropout, Fixed (0.9V to 1.5V) and Adjustable (0.5V to
1.5V) VOUT, VIN = 1.1V to 1.98V, 2µVRMS Noise (100Hz to 100kHz),
Programmable Soft Start,
Direct Parallelable, Stable with Ceramic Capacitors
(10µF minimum), AEC-Q100 qualified,
16-Lead 3mm x 3mm LFCSP Package.
ADP1765
5A, Low VIN, Low Noise,
CMOS Linear Regulator
59mV Dropout, Fixed (0.55V to 1.5V) and Adjustable (0.5V to
1.5V) VOUT, VIN = 1.1V to 1.98V, 2µVRMS Noise (100Hz to 100kHz),
Programmable Soft Start, Direct Parallelable, Stable with
Ceramic Capacitors (22µF minimum), 16-Lead 3mm x 3mm
LFCSP Package.
MAX38907
4A, High-Performance LDO
Linear Regulator
79mV Dropout, Digitally Programmable VOUT: 0.6V to 5V, VIN =
0.9V to 5.5V, Digital Margining: ±5%, Programmable Soft
Start, Reverse Current Protection, Active Discharge, 20-Lead
5mm x 5mm TQFN Package.
LT3041
20V, 1A, Ultra-low Noise,
Ultra-high PSRR Linear
Regulator with VIOC Control
1µVRMS Noise (10Hz to 100kHz), 8µVP-P Noise (0.1Hz to 10Hz),
80dB PSRR at 1MHz, VIN = 2.2V to 20V, VOUT = 0.2V to 15V,
310mV Dropout, Direct Parallelable, Programmable Current
Limit and Power Good, Stable with Low ESR Ceramic
Capacitors (2x 10µF Minimum), 14-Lead 4mm x 3mm DFN
Package.
LT3045
500mA, Ultra-low Noise and
Ultra-high PSRR LDO
0.8μVRMS Noise and 75dB PSRR at 1MHz, VIN = 1.8V to 20V,
260mV Dropout Voltage, 3mm × 3mm DFN and MSOP
Packages.
LT3042
200mA, Ultra-low Noise and
Ultra-high PSRR LDO
0.8μVRMS Noise and 79dB PSRR at 1MHz, VIN = 1.8V to 20V,
350mV Dropout Voltage, Programmable Current Limit and
Power Good, 3mm× 3mm DFN and MSOP Packages.
LT3083
3A, Parallelable, Low Noise,
Low Dropout Linear
Regulator
310mV Dropout Voltage (2-Supply Operation), Low Noise:
40μVRMS, VIN: 1.2V to 23V, VOUT: 0V to 22.6V, Current-Based
Reference with one Resistor VOUT Set, Directly Parallelable
(No Op Amp Required), Stable with Ceramic Capacitors;
TO-220, DD-PAK, TSSOP, 4mm × 4mm DFN-12 Packages.
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com