Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3077ACRZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # LT3077ACRZ-R7
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3077ACRZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT3077ACRZ-R7 Datasheet HTML 20Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 21Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 22Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 23Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 24Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 25Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 26Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 27Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
24 of 38
FUNCTIONAL DIAGRAM
APPLICATIONS INFORMATION
The LT3077 is a low voltage, ultra-low noise, and ultra-fast transient response linear regulator. The device supplies
up to 3A with a typical dropout voltage of 85mV. A 4.7µF reference bypass capacitor decreases output voltage noise
to 1.2μVRMS. The LDO’s wide bandwidth and high PSRR permit the use of small ceramic capacitors, saving bulk
capacitance and cost. The LT3077 is ideal for high-performance FPGAs, microprocessors, RF communication, and
noise-sensitive supply applications.
Output Voltage
The LT3077’s unity-gain operation provides virtually constant output noise, PSRR, and bandwidth independent of
the programmed output voltage. Output voltages are digitally selectable in 50mV increments from 0.5V to 1.2V,
100mV increments from 1.2V to 1.8V, and discrete levels at 2V, 2.5V, 3V, 3.3V, and 4.2V.
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com