Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3077ACRZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # LT3077ACRZ-R7
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3077ACRZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT3077ACRZ-R7 Datasheet HTML 18Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 19Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 20Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 21Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 22Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 23Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 24Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 25Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
22 of 38
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C, unless noted otherwise.
Figure 58. Output Noise (0.1Hz to 10Hz)
Figure 59. Startup Time
Figure 60. IN Pin Line Transient
Figure 61. BIAS Pin Line Transient
Figure 62. Load Transient
Figure 63. Load Transient
VIN = 1.3V
VOUT = 1V
CREF = 4.7µF
COUT = 22µF
ILOAD = 3A
1s/DIV
5µV/DIV
VBIAS = 2.5V
VIN = 1.2V
VOUT(NOM) = 1V
OUTPUT SETTLING TO 1%
RLOAD = 333.33mΩ
RLOAD = 100Ω
REFERENCE CAPACITANCE (µF)
0.1
1
10
100
0.01
0.1
1
10
100
VOUT = 1V
VBIAS = 3.5V
COUT = 10µF
CREF = 4.7µF
tRISE = tFALL = 1µs
VIN STEP FROM 1.3V TO 1.35V
20µs/DIV
IN TRANSIENT
AC-COUPLED
50mV/DIV
OUT TRANSIENT
AC-COUPLED
500µV/DIV
ILOAD = 50mA
VOUT = 1V
VIN = 1.3V
COUT = 10µF
CREF = 4.7µF
tRISE = tFALL = 1µs
VBIAS STEPS FROM 3.3V TO 3.8V
20µs/DIV
BIAS TRANSIENT
AC-COUPLED
500mV/DIV
OUT TRANSIENT
AC-COUPLED
1mV/DIV
ILOAD = 50mA
VOUT = 1V
VIN = 1.3V
VBIAS = 3.8V
CREF = 4.7µF
tRISE = tFALL = 100ns
IOUT STEP FROM 300mA TO 3A
COUT = 22µF
5µs/DIV
VOUT
AC-COUPLED
50mV/DIV
IOUT
2A/DIV
VOUT = 1V
VIN = 1.3V
VBIAS = 3.8V
CREF = 4.7µF
tRISE = tFALL = 100ns
IOUT STEP FROM 300mA TO 3A
COUT = 10µF
5µs/DIV
VOUT
AC-COUPLED
50mV/DIV
IOUT
2A/DIV
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com