Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3077ACRZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # LT3077ACRZ-R7
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3077ACRZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT3077ACRZ-R7 Datasheet HTML 3Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 4Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 5Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 6Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 7Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 8Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 9Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 10Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
7 of 38
(All typical specifications are at TJ (Junction Temperature) = 25°C and all min and max specifications are across
the entire operating temperature range unless otherwise noted. COUT = 22μF, CREF= 4.7μF, CBIASF = 2.2μF, RILIM =
0.8kΩ, unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Input Hysteresis VO0, VO1,
VO2
Rising and Falling
80
mV
Input Pin Sink Current
VO0, VO1, VO2
VIN = 2.5V, VBIAS = 2.375V, VEN = 0V
50
μA
EN Pin Threshold
EN Trip Point Rising (Turn-On), VBIAS =
2.375V
1.20
1.26
1.32 V
EN Pin Hysteresis
EN Trip Point Hysteresis, VBIAS =
2.375V
80
mV
EN Pin Current
IEN
VEN = 0V, VBIAS= 5.5V
±1
μA
VEN = 1.3V, VBIAS = 5.5V
0.5
VEN = 5.5V, VBIAS = 0V
10
20
VBIAS Ripple Rejection
PSRRBIAS
VBIAS = 2.7V(Avg),
VIN = 1.5V, VOUT =
1.2V
VRIPPLE = 500mVP-P,
fRIPPLE = 120Hz,
IOUT = 3A
106
dB
VRIPPLE = 500mVP-P,
fRIPPLE = 1MHz, IOUT
= 3A
70
VIN Ripple Rejection
PSRRIN
VBIAS = 5V, VIN
=1.5V(Avg), VOUT =
1.2V
VRIPPLE = 50mVP-P,
fRIPPLE = 120Hz,
IOUT = 3A
96
dB
VRIPPLE = 50mVP-P,
fRIPPLE = 1MHz, IOUT
= 3A
50
Output RMS Noise4
VRMS(OUT)
VOUT = 1V, IOUT =
3A, VIN = 1.3V,
VBIAS = 3.3V, COUT =
22μF
BW = 10Hz to
100kHz, CREF =
4.7μF
1.2
μVRMS
BW = 10Hz to
100kHz, CREF =
0.47μF
1.6
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com