Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3077ACRZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3077ACRZ-R7
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3077ACRZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3077ACRZ-R7 Datasheet HTML 2Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 3Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 4Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 5Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 6Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 7Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 8Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 9Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
6 of 38
(All typical specifications are at TJ (Junction Temperature) = 25°C and all min and max specifications are across
the entire operating temperature range unless otherwise noted. COUT = 22μF, CREF= 4.7μF, CBIASF = 2.2μF, RILIM =
0.8kΩ, unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Programmable Current
Limit3
ILIM(P)
RILIM = 1kΩ
2.7
3.0
3.3
A
RILIM = 3kΩ
0.85
1.0
1.16
Internal Current Limit3
ILIM(I)
VIN = 1.5V, ΔVOUT = -5%, VBIAS = 5.5V
3.3
4.5
5.5
A
VOUT Threshold for Power
Good
Percentage of VOUT(NOMINAL), VOUT Rising
91
93
95
%
Percentage of VOUT(NOMINAL), VOUT
Falling
88
90
92
PG VOL
IPG = 200μA (Fault Condition)
60
100
mV
PG VOH Leakage
VPG = VBIAS = 5V
1
μA
Fast Start-Up REF Pin
Current
2
mA
Fast Start-Up Turn Off
Threshold
Measured as percentage of nominal
REF pin voltage
96
98.8
101.5 %
Thermal Shutdown
TJ Rising
168
°C
Hysteresis
7
VBIAS Undervoltage
Lockout
EN = VBIAS, VIN = 0V, VOUT = 0V, VBIAS
Rising
2.16
2.2
2.24
V
EN = VBIAS, VIN = 0V, VOUT = 0V, VBIAS
Falling
2.03
2.07
2.11
VIN Undervoltage
Lockout
VIN Rising
450
462.5
475
mV
VIN Falling
400
412.5
425
VIL Input Threshold
(Logic-0 State) VO0, VO1,
VO2
Input Falling
0.3
V
VIZ Input Range (Logic-Z
State) VO0, VO1, VO2
0.95
1.15 V
VIH Input Threshold
(Logic-1 State) VO0, VO1,
VO2
Input Rising
1.97 V
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com