Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3077ACRZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # LT3077ACRZ-R7
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3077ACRZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT3077ACRZ-R7 Datasheet HTML 6Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 7Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 8Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 9Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 10Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 11Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 12Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 13Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
10 of 38
Thermal Resistance
Thermal performance is directly linked to PCB design and operating environment. Therefore, close attention to
PCB thermal design is required.
Table 3. Thermal Resistance
PACKAGE TYPE1
θJA
θJC TOP
θJC BOT
UNIT
18-Lead 3mm x 3mm LFCSP-RT
44
58
8
°C/W
1
θ values are determined per JESD51 conditions.
Electrostatic Discharge (ESD)
The following ESD information is provided for handling of ESD-sensitive devices in an ESD protected area only.
Human Body Model (HBM) per ANSI/ESDA/JEDEC JS-001 Charged Device Model (CDM) per ANSI/ESDA/JEDEC JS-
002.
ESD Ratings
Table 4. LT3077, 18-Lead 3mm x 3mm LFCSP-RT
ESD MODEL
WITHSTAND THRESHOLD (V)
CLASS
HBM
2000
2
CDM
1250
C3
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of
functionality.
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com