Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3077ACRZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # LT3077ACRZ-R7
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3077ACRZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button LT3077ACRZ-R7 Datasheet HTML 29Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 30Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 31Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 32Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 33Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 34Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 35Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 36Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
33 of 38
TYPICAL APPLICATION CIRCUITS
Figure 70. Paralleling Multiple LT3077s for Higher Output Current
IREF
MPWR
RPG
51kΩ
CBIASF1
2.2µF
CREF
4.7µF
COUT1
22µF
CIN1
47µF
RBALLAST1
2mΩ
IREF
MPWR
CBIASF2
2.2µF
COUT2
22µF
CIN2
47µF
RBALLAST2
2mΩ
806Ω
806Ω
BIAS
EN
PG
VO0
VO1
VO2
GND
ILIM
REF
SENSE
OUT
IN
BIASF
REFERENCE DAC
VOUT
VBIAS
0.5V
6A MAX IOUT
0.7V
2.375V
LT3077
LT3077
BIAS
EN
PG
VO0
VO1
VO2
GND
ILIM
REF
SENSE
OUT
IN
BIASF
REFERENCE DAC
VIN
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com