Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3077ACRZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # LT3077ACRZ-R7
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3077ACRZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button LT3077ACRZ-R7 Datasheet HTML 30Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 31Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 32Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 33Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 34Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 35Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 36Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 37Page - Analog Devices LT3077ACRZ-R7 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
35 of 38
ORDERING GUIDE
Table 8. Ordering Guide
MODEL1
TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
MSL
RATING
PACKING
QUANTITY
PACKAGE
OPTION
LT3077ACRZ
-40°C to 125°C
18-LEAD
(3mm x 3mm LFCSP-RT)
3
Tray, 490
CR-18-1
LT3077ACRZ-R7
-40°C to 125°C
18-LEAD
(3mm x 3mm LFCSP-RT)
3
Reel, 2500
CR-18-1
1
All models are RoHS compliant parts.
EVALUATION BOARDS
Table 9. Evaluation Boards
MODEL 1
DESCRIPTION
EVAL-LT3077-AZ
Evaluation Board
1
The EVAL-LT3077-AZ is a RoHS compliant part.
RELATED PARTS
Table 10. Related Parts
PART NUMBER
DESCRIPTION
COMMENTS
LT3073
3A, Ultra-Low Noise, High
PSRR, 45mV Dropout Ultra-
Fast Linear Regulator
45mV Dropout, Digitally Programmable VOUT: 0.5V to 4.2V,
Digital Output Margining: ±2.5%, Ultra-low Output Noise:
1.2μVRMS, High PSRR: 52dB at 1MHz, Direct Parallelable, Soft
Start, Stable with Low ESR Ceramic Output Capacitors (10μF
minimum), 22-Lead 3mm × 4mm LQFN Package.
LT3078
5.5V, 5A, Ultra-Low noise,
High PSRR, 55mV Dropout
Ultra-Fast Linear Regulator
55mV Dropout, Digitally Programmable VOUT: 0.5V to 4.2V,
Digital Output Margining: ±2.5%, Ultra-low Output Noise:
1.3μVRMS, High PSRR: 49dB at 1MHz, Direct Parallelable, Soft
Start, Stable with Low ESR Ceramic Output Capacitors (22μF
minimum), 22-Lead 3mm × 4mm LQFN Package.
LT3070-1
5A, Low Noise, Programmable
VOUT, 85mV Dropout Linear
Regulator with Digital
Margining
85mV Dropout Voltage, Digitally Programmable VOUT: 0.8V to
1.8V, Digital Output Margining: ±1%, ±3% or ±5%, Low
Output Noise:25μVRMS; Directly Parallelable, Soft Start, Stable
with Low ESR Ceramic Output Capacitors (15μF Minimum),
28 Lead 4mm × 5mm QFN Package.
LT3071
5A, Low Noise, Programmable
VOUT, 85mV Dropout Linear
Regulator with Analog
Margining
85mV Dropout Voltage, Digitally Programmable VOUT: 0.8V to
1.8V, Analog Margining: ±10%, Low Output Noise: 25μVRMS;
Directly Parallelable, Output Current Monitor, Stable with
Low ESR Ceramic Output Capacitors (15μF Minimum), 28
Lead 4mm × 5mm QFN Package.
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com